Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB647 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT90USB647
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 21Page - ATMEL Corporation AT90USB647 Datasheet HTML 22Page - ATMEL Corporation AT90USB647 Datasheet HTML 23Page - ATMEL Corporation AT90USB647 Datasheet HTML 24Page - ATMEL Corporation AT90USB647 Datasheet HTML 25Page - ATMEL Corporation AT90USB647 Datasheet HTML 26Page - ATMEL Corporation AT90USB647 Datasheet HTML 27Page - ATMEL Corporation AT90USB647 Datasheet HTML 28Page - ATMEL Corporation AT90USB647 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 456 page
background image
25
7593L–AVR–09/12
AT90USB64/128
6.3.2
EEARH and EEARL – The EEPROM Address Register
• Bits 15..12 – Res: Reserved bits
These bits are reserved bits in the Atmel AT90USB64/128 and will always read as zero.
• Bits 11..0 – EEAR8..0: EEPROM address
The EEPROM Address Registers – EEARH and EEARL specify the EEPROM address in the 4K
bytes EEPROM space. The EEPROM data bytes are addressed linearly between 0 and 4096.
The initial value of EEAR is undefined. A proper value must be written before the EEPROM may
be accessed.
6.3.3
EEDR – The EEPROM Data Register
• Bits 7..0 – EEDR7.0: EEPROM data
For the EEPROM write operation, the EEDR Register contains the data to be written to the
EEPROM in the address given by the EEAR Register. For the EEPROM read operation, the
EEDR contains the data read out from the EEPROM at the address given by EEAR.
6.3.4
EECR – The EEPROM Control Register
• Bits 7..6 – Res: Reserved bits
These bits are reserved bits in the AT90USB64/128 and will always read as zero.
• Bits 5, 4 – EEPM1 and EEPM0: EEPROM Programming Mode bits
The EEPROM Programming Mode bit setting defines which programming action that will be trig-
gered when writing EEPE. It is possible to program data in one atomic operation (erase the old
value and program the new value) or to split the Erase and Write operations in two different
operations. The Programming times for the different modes are shown in Table 6-2 on page 26.
While EEPE is set, any write to EEPMn will be ignored. During reset, the EEPMn bits will be
reset to 0b00 unless the EEPROM is busy programming.
Bit
151413
1211
10
9
8
––––
EEAR11
EEAR10
EEAR9
EEAR8
EEARH
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
7654
3
2
1
0
Read/write
RRRR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
X
X
X
X
XXXX
X
X
X
X
Bit
7654
32
10
MSB
LSB
EEDR
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
00
00
Bit
7654
32
10
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
EECR
Read/write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
X
X
0
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com