Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB647 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT90USB647
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 41Page - ATMEL Corporation AT90USB647 Datasheet HTML 42Page - ATMEL Corporation AT90USB647 Datasheet HTML 43Page - ATMEL Corporation AT90USB647 Datasheet HTML 44Page - ATMEL Corporation AT90USB647 Datasheet HTML 45Page - ATMEL Corporation AT90USB647 Datasheet HTML 46Page - ATMEL Corporation AT90USB647 Datasheet HTML 47Page - ATMEL Corporation AT90USB647 Datasheet HTML 48Page - ATMEL Corporation AT90USB647 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 456 page
background image
45
7593L–AVR–09/12
AT90USB64/128
Note:
1. These options should only be used if frequency stability at start-up is not important for the
application.
7.5
Calibrated internal RC oscillator
The calibrated internal RC oscillator by default provides a 8.0MHz clock. The frequency is nomi-
nal value at 3V and 25
°C. The device is shipped with the CKDIV8 Fuse programmed. See
“System clock prescaler” on page 47 for more details. This clock may be selected as the system
clock by programming the CKSEL Fuses as shown in Table 7-7. If selected, it will operate with
no external components. During reset, hardware loads the calibration byte into the OSCCAL
Register and thereby automatically calibrates the RC oscillator. At 3V and 25
°C, this calibration
gives a frequency of 8MHz ±10%. The oscillator can be calibrated to any frequency in the range
7.3 - 8.1MHz within ±10% accuracy, by changing the OSCCAL register. When this oscillator is
used as the chip clock, the Watchdog Oscillator will still be used for the Watchdog Timer and for
the Reset Time-out. For more information on the pre-programmed calibration value, see Section
“Calibration byte” on page 362
Notes:
1. The device is shipped with this option selected.
2. The frequency ranges are preliminary values. Actual values are TBD.
3. If 8MHz frequency exceeds the specification of the device (depends on V
CC), the CKDIV8
Fuse can be programmed in order to divide the internal frequency by 8.
When this oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 7-5 on page 44.
Note:
1. The device is shipped with this option selected.
7.5.1
OSCCAL – Oscillator Calibration Register
• Bits 7..0 – CAL7..0: Oscillator calibration value
The Oscillator Calibration Register is used to trim the calibrated internal RC oscillator to remove
process variations from the oscillator frequency. The factory-calibrated value is automatically
written to this register during chip reset, giving an oscillator frequency of 8.0MHz at 25°C. The
application software can write this register to change the oscillator frequency. The oscillator can
Table 7-7.
Internal calibrated RC oscillator operating modes
(1)(3).
Frequency range (2) [MHz]
CKSEL3..0
7.3 - 8.1
0010
Table 7-8.
Start-up times for the internal calibrated RC oscillator clock selection.
Power conditions
Start-up time from power-
down and power-save
Additional delay from
reset (VCC = 5.0V)
SUT1..0
BOD enabled
6CK
14CK
00
Fast rising power
6CK
14CK + 4.1ms
01
Slowly rising power
6CK
14CK + 65ms (1)
10
Reserved
11
Bit
7654
3
2
1
0
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
OSCCAL
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
Device specific calibration value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com