Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R2 Datasheet(PDF) 2 Page - Littelfuse

Part # 250R120-R2
Description  POLYFUSE짰 Resettable PTCs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R2 Datasheet(HTML) 2 Page - Littelfuse

  250R120-R2 Datasheet HTML 1Page - Littelfuse 250R120-R2 Datasheet HTML 2Page - Littelfuse 250R120-R2 Datasheet HTML 3Page - Littelfuse 250R120-R2 Datasheet HTML 4Page - Littelfuse 250R120-R2 Datasheet HTML 5Page - Littelfuse 250R120-R2 Datasheet HTML 6Page - Littelfuse 250R120-R2 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
100
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc.
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
250R080
0.12
0.11
0.09
0.08
0.06
0.05
0.05
0.04
0.03
250R080T
0.12
0.11
0.09
0.08
0.06
0.05
0.05
0.04
0.03
250R120
0.18
0.16
0.14
0.12
0.10
0.09
0.08
0.06
0.05
250R120T
0.18
0.16
0.14
0.12
0.10
0.09
0.08
0.06
0.05
250R145
0.26
0.20
0.17
0.145
0.12
0.11
0.09
0.08
0.06
250R145T
0.26
0.20
0.17
0.145
0.12
0.11
0.09
0.08
0.06
250R180
0.28
0.23
0.21
0.18
0.16
0.13
0.10
0.11
0.083
250R180T
0.28
0.23
0.21
0.18
0.16
0.13
0.10
0.11
0.083
Temperature Rerating
Temperature Rerating Curve
-40 -30 -20
-10
0
10
20
30
40
5060
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Average Time Current Curves
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
0.01
0.1
1
10
100
1000
10000
100000
250R
0.1
1
10
100
Current in Amperes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com