Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R2 Datasheet(PDF) 1 Page - Littelfuse

Part # 250R120-R2
Description  POLYFUSE짰 Resettable PTCs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R2 Datasheet(HTML) 1 Page - Littelfuse

  250R120-R2 Datasheet HTML 1Page - Littelfuse 250R120-R2 Datasheet HTML 2Page - Littelfuse 250R120-R2 Datasheet HTML 3Page - Littelfuse 250R120-R2 Datasheet HTML 4Page - Littelfuse 250R120-R2 Datasheet HTML 5Page - Littelfuse 250R120-R2 Datasheet HTML 6Page - Littelfuse 250R120-R2 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
99
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
The 250R Series is designed to protect against short
duration high voltage fault currents (power cross or power
induction surge) typically found in telecom applications
(250Vrms). The series can be used to help telecom
networking equipment meet the protection requirements
specified in ITU K.20 and K.21.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
V
int / Vop
I
max
(A)
P
d
typ.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
typ
(Ω)
R
1max
(Ω)
250R080
0.08
0.16
250/60
3
1
0.35
3
14
22
33
XX
250R080T
0.08
0.16
250/60
3
1
0.35
3
15
22
33
XX
250R120
0.12
0.24
250/60
3
1
1
1.5
4
8
16
XX
250R120-RA
0.12
0.24
250/60
3
1
1
1.0
7
9
16
XX
250R120-RC
0.12
0.24
250/60
3
1
1
0.85
5.4
7.5
14
XX
250R120-RF
0.12
0.24
250/60
3
1
1
0.7
6
10.5
16
XX
250R120-R1
0.12
0.24
250/60
3
1
1
0.8
6
9
16
XX
250R120-R2
0.12
0.24
250/60
3
1
1
0.7
8
10.5
16
XX
250R120-R3
0.12
0.24
250/60
3
1
1
1
8
10
16
XX
250R120T
0.12
0.24
250/60
3
1
1
1.2
7
12
16
XX
250R145
0.145
0.29
250/60
3
1
1
2.5
3
6
14
XX
250R145-RA
0.145
0.29
250/60
3
1
1
5
3
5.5
12
XX
250R145-RB
0.145
0.29
250/60
3
1
1
2.5
4.5
6
14
XX
250R145T
0.145
0.29
250/60
3
1
1
2.0
5.4
7.5
14
XX
250R180
0.18
0.65
250/60
10
1.8
1
21
0.8
2.2
4
XX
250R180T
0.18
0.65
250/60
10
1.8
1
20
1.4
3.9
4.5
XX
Items with T at end of part number = pre-tripped device. See Part Ordering Number System section of this data sheet for additional information.
Description
Features
Applications
range, 60VDC operating
voltage
resistance ranges available
Free and Halogen-Free*
Equipment (CPE)
telecom centers
250R Series
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50120008
I
hold = Hold current: maximum current device will pass without tripping in 23°C still air.
I
trip = Trip current: minimum current at which the device will trip in 23°C still air.
V
int = Maximum voltage the device can withstand without damage at rated current (I max)
V
op= The device regular operation voltage
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 23°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
* Effective January 1, 2010, all 250R PTC products will be manufactured Halogen Free (HF). Existing Non-Halogen Free 250R PTC products may continue to be sold, until supplies are depleted.


Similar Part No. - 250R120-R2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
378Kb / 6P
POLYFUSE Resettable PTCs Radial Leaded
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
619Kb / 7P
Fast time - to - trip Access equipment Lan/Wan equipment
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
619Kb / 7P
POLY-FUSE짰 Resettable PTCs Radial Leaded > 250R Series
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
619Kb / 7P
POLY-FUSE Resettable PTCs
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
729Kb / 7P
The 250R Series is designed to protect against short duration high voltage fault currents
More results

Similar Description - 250R120-R2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
POLYFUSE짰 Resettable PTCs
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com