Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5044AKSZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR5044AKSZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5044AKSZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADR5044AKSZ-R2 Datasheet HTML 1Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 2Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 3Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 4Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 5Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 6Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 7Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 8Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. A | Page 3 of 16
SPECIFICATIONS
ADR5040 ELECTRICAL CHARACTERISTICS
IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
IIN = 100 μA
Grade A
2.044
2.048
2.052
V
Grade B
2.046
2.048
2.050
V
INITIAL ACCURACY
VOERR
IIN = 100 μA
Grade A
–4.096
+4.096
mV
±0.2
%
Grade B
–2.048
+2.048
mV
±0.1
%
TEMPERATURE COEFFICIENT1
TCVOUT
–40°C < TA < +125°C
Grade A
10
100
ppm/°C
Grade B
10
75
ppm/°C
OUTPUT VOLTAGE CHANGE vs. IIN
∆VR
IIN = 50 μA to 1 mA
–40°C < TA < +125°C
0.4
1.75
mV
IIN = 1 mA to 15 mA
–40°C < TA < +125°C
4
8
mV
DYNAMIC OUTPUT IMPEDANCE
(∆VR/∆IR)
IIN = 50 μA to 15 mA
0.2
Ω
MINIMUM OPERATING CURRENT
IIN
TA = 25°C
50
μA
–40°C < TA < +125°C
60
μA
VOLTAGE NOISE
eN
IIN = 100 μA; 0.1 Hz to 10 Hz
2.8
μV rms
IIN = 100 μA; 10 Hz to 10 kHz
120
μV rms
TURN-ON SETTLING TIME
tR
CLOAD = 0 μF
28
μs
OUTPUT VOLTAGE HYSTERESIS
∆VOUT_HYS
IIN = 1 mA
40
ppm
1 Guaranteed by design.
ADR5041 ELECTRICAL CHARACTERISTICS
IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
IIN = 100 μA
Grade A
2.495
2.500
2.505
V
Grade B
2.4975
2.500
2.5025
V
INITIAL ACCURACY
VOERR
IIN = 100 μA
Grade A
–5
+5
mV
±0.2
%
Grade B
–2.5
+2.5
mV
±0.1
%
TEMPERATURE COEFFICIENT1
TCVOUT
–40°C < TA < +125°C
Grade A
10
100
ppm/°C
Grade B
10
75
ppm/°C
OUTPUT VOLTAGE CHANGE vs. IIN
∆VR
IIN = 50 μA to 1 mA
–40°C < TA < +125°C
0.5
1.8
mV
IIN = 1 mA to 15 mA
–40°C < TA < +125°C
4
8
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com