Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5044AKSZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR5044AKSZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5044AKSZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR5044AKSZ-R2 Datasheet HTML 4Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 5Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 6Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 7Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 8Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 9Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 10Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 11Page - Analog Devices ADR5044AKSZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. A | Page 8 of 16
ISHUNT = 100µA ± 25µA
RL = 100kΩ
10µs/DIV
+25µA
–25µA
Figure 8. ADR5041 Load Transient Response
ISHUNT = 1mA ± 250µA
RL = 10kΩ
10µs/DIV
+250µA
–250µA
Figure 9. ADR5041 Transient Response
ISHUNT = 10mA ± 2.5mA
RL = 1kΩ
10µs/DIV
+2.5mA
–2.5mA
Figure 10. ADR5041 Transient Response
ISHUNT = 100mA ± 25µA
RL = 100kΩ
40µs/DIV
+25µA
–25µA
Figure 11. ADR5045 Load Transient Response
ISHUNT = 1mA ± 250µA
RL = 10kΩ
10µs/DIV
+250µA
–250µA
Figure 12. ADR5045 Transient Response
ISHUNT = 10mA ± 2.5mA
RL = 1kΩ
10µs/DIV
+2.5mA
–2.5mA
Figure 13. ADR5045 Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com