Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL36370-R002-G Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # RL36370-R002-G
Description  3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL36370-R002-G Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  RL36370-R002-G Datasheet HTML 1Page - Delta Electronics, Inc. RL36370-R002-G Datasheet HTML 2Page - Delta Electronics, Inc. RL36370-R002-G Datasheet HTML 3Page - Delta Electronics, Inc. RL36370-R002-G Datasheet HTML 4Page - Delta Electronics, Inc. RL36370-R002-G Datasheet HTML 5Page - Delta Electronics, Inc. RL36370-R002-G Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DOCUMENT : SRG00000NH
REVISION
: A0
PAGE
: 1 OF 6
SPECIFICATION FOR APPROVAL
3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
1. Scope
This specification applies to 9.14mm x 9.4mm size 3W, fixed metal foil with ceramic carrier
current sensing resistors used in electronic equipment.
2. Type Designation
RL36370
– □□□□ – □
(1)
(2)
(3)
Where
(1) Series No.
(2) Resistance value :
For example :
R002 = 2m
Ω
R010 = 10m
Ω
(3) Tolerance :
F =
± 1%
G =
± 2%
J =
± 5%
3. Outline Designation and Marking
3-1 Outline Designation
Figure 1. Construction and Dimensions
(1) Substrate
Alumina 96%
(2) Resistor
Ni alloy
(3) Terminals
Sn (on Cu )
(4) Protection coat
Heat resistive epoxy resin
(5) Marking
Epoxy resin
Dimensions (mm)
Code Letter
3637
L
9.14
± 0.25
W
9.40
± 0.25
C
1.55
± 0.25
D
0.85
± 0.25
a
(1m
Ω) 3.5 ± 0.25
(≧2m
Ω) 2.2 ± 0.25
t
0.88
± 0.20


Similar Part No. - RL36370-R002-G

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RL3 SANKEN-RL3 Datasheet
20Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
RL3 ETC-RL3 Datasheet
54Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Willow Technologies Ltd
RL3 WILLOW-RL3 Datasheet
120Kb / 2P
ULTRA PRECISION METAL FILM RESISTORS
logo
List of Unclassifed Man...
RL3-360 ETC2-RL3-360 Datasheet
16Kb / 1P
MOLDED RECTANGULAR LED MOUNT
RL3-360 ETC2-RL3-360 Datasheet
16Kb / 1P
MOLDED RECTANGULAR LED MOUNT
More results

Similar Description - RL36370-R002-G

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLW2012-F-R005F DELTA-RLW2012-F-R005F Datasheet
140Kb / 7P
1/3W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLW2012-6-R005F DELTA-RLW2012-6-R005F Datasheet
135Kb / 7P
1W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL2550W-R005F DELTA-RL2550W-R005F Datasheet
100Kb / 8P
1W, 2010, Low Resistance Chip Resistor (Lead / Halogen Free)
RL1632W-6-R001F DELTA-RL1632W-6-R001F Datasheet
129Kb / 6P
1W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL0816-F-R010F DAESAN-RL0816-F-R010F Datasheet
144Kb / 7P
1/3W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-F-R010F DAESAN-RL1220-F-R010F Datasheet
211Kb / 8P
1/3W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1632-6C-R005F DAESAN-RL1632-6C-R005F Datasheet
121Kb / 7P
1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com