Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL36370-R002-G Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # RL36370-R002-G
Description  3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL36370-R002-G Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  RL36370-R002-G Datasheet HTML 1Page - Delta Electronics, Inc. RL36370-R002-G Datasheet HTML 2Page - Delta Electronics, Inc. RL36370-R002-G Datasheet HTML 3Page - Delta Electronics, Inc. RL36370-R002-G Datasheet HTML 4Page - Delta Electronics, Inc. RL36370-R002-G Datasheet HTML 5Page - Delta Electronics, Inc. RL36370-R002-G Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DOCUMENT : SRG00000NH
REVISION
: A0
PAGE
: 2 OF 6
SPECIFICATION FOR APPROVAL
3-2 Marking
Resistance value is marked on the top surface.
Ex.)
2m
Ω → R002
10m
Ω → R010
4. Ratings
4-1 Specification
Power Rating*
3 W
Resistance Value
1 m
Ω ~ <2 mΩ
2 ~ 10m
Ω
Temperature Coefficient of Resistance
0~+150 ppm/℃
±100ppm/℃
Resistance Tolerance
± 1%,± 2%,± 5%
Insulation Resistance
Over 100M
Ω
Rated Voltage (V)
( P*R)
1/2
Note * :
Power rating is based on continuous full load operation at rated ambient temperature of 70℃.
For resistors operated at ambient temperature in excess of 70℃, the maximum load shall be
derated in accordance with the following curve.
AMBIENT TEMPERATURE(
)
℃
0
170
70
100
-55
Figure 2.:Power Temperature Derating Curve
4-2 Operation and Storage Temperature Range
-55℃ to
+170℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com