Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL32646C-R003-F Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # RL32646C-R003-F
Description  1W, 2512, SC Type Low Resistance Chip Resistor (Lead / Halogen Free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL32646C-R003-F Datasheet(HTML) 7 Page - Delta Electronics, Inc.

  RL32646C-R003-F Datasheet HTML 1Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 2Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 3Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 4Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 5Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 6Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT : SM6C0000NH
REVISION
: A1
PAGE
: 7 OF 7
7-2 Peel Strength of Top Cover Tape
The peel speed shall be about 300mm/min.
The peel force of top cover tape shall between 0.1 to 0.7N
7-3 Number of Taping
2,000 pieces / reel
7-4 Label marking
The following items shall be marked on the reel.
(1)
Type designation
(2)
Quantity
(3)
Manufacturing date code
(4)
Manufacturer’s name
(5)
The country of origin
165 ~ 1
80°
Carrier tape
0.1 ~ 0.7N
Top Cover Tape



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com