Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL32646C-R003-F Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # RL32646C-R003-F
Description  1W, 2512, SC Type Low Resistance Chip Resistor (Lead / Halogen Free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL32646C-R003-F Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  RL32646C-R003-F Datasheet HTML 1Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 2Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 3Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 4Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 5Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 6Page - Delta Electronics, Inc. RL32646C-R003-F Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT : SM6C0000NH
REVISION
: A1
PAGE
: 2 OF 7
4. Specification
Characteristics
Feature
Power Rating*
1W
Resistance Value
3 ~ 100m
Ω
Temperature Coefficient of Resistance
±100ppm/℃
Operation Temperature Range
-55℃ ~ +170℃
Resistance Tolerance
±1% , ±2% , ±5%
Insulation Resistance
Over 100M
Ω
Maximum Working Voltage (V)
( P*R)
1/2
Note * :
Power rating is based on continuous full load operation at rated ambient temperature of 70℃.
For resistors operated at ambient temperature in excess of 70℃, the maximum load shall be derated in
accordance with the following curve.
-55
100
70
0
170
AMBIENT TEMPERATURE(
℃)
Figure 2.:Power Temperature Derating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com