Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1339 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1339
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1339 Datasheet HTML 15Page - Linear Technology LT1339 Datasheet HTML 16Page - Linear Technology LT1339 Datasheet HTML 17Page - Linear Technology LT1339 Datasheet HTML 18Page - Linear Technology LT1339 Datasheet HTML 19Page - Linear Technology LT1339 Datasheet HTML 20Page - Linear Technology LT1339 Datasheet HTML 21Page - Linear Technology LT1339 Datasheet HTML 22Page - Linear Technology LT1339 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3844
19
3844fb
APPLICATIONS INFORMATION
two losses. Calculate the maximum conduction losses of
the MOSFET:
PDC
I
DC
R
COND
MAX
OUT MAX
MAX
DS ON
=
−
⎛
⎝⎜
⎞
⎠⎟
()
()
•
1
Note that RDS(ON) has large positive temperature depen-
dence. The MOSFET manufacturer’s data sheet contains
a curve, RDS(ON) vs Temperature. Calculate the maximum
transition losses:
P
kV
I
C
f
DC
TRAN
OUT
OUT MAX
RSS
SW
=
()(
)
()()( )
−
2
1
()
(
M
MAX )
where k is a constant inversely related to the gate driver
current, approximated by k = 2 for LT3844 applications.
The total maximum power dissipation of the MOSFET is
the sum of these two loss terms:
PFET(TOTAL) = PCOND + PTRAN
To achieve high supply efficiency, keep the PFET(TOTAL) to
less than 3% of the total output power. Also, complete
a thermal analysis to ensure that the MOSFET junction
temperature is not exceeded.
TJ = TA + PFET(TOTAL) • θJA
where
θJA is the package thermal resistance and TA is the
ambient temperature. Keep the calculated TJ below the
maximum specified junction temperature, typically 150°C.
Note that when VOUT is high (>20V), the transition losses
may dominate. A MOSFET with higher RDS(ON) and lower
CRSS may provide higher efficiency. MOSFETs with higher
voltage VDSS specification usually have higher RDS(ON)
and lower CRSS.
Choose the MOSFET VDSS specification to exceed the
maximum voltage across the drain to the source of the
MOSFET, which is VOUT plus the forward voltage of the
rectifier, typically less than 1V.
The internal VCC regulator is capable of sourcing up to
40mA which limits the maximum total MOSFET gate
charge, QG, to 40mA / fSW. The QG vs VGS specification
is typically provided in the MOSFET data sheet. Use QG at
VGS of 8V. If VCC is back driven from an external supply,
the MOSFET drive current is not sourced from the internal
regulator of the LT3844 and the QG of the MOSFET is not
limited by the IC. However, note that the MOSFET drive
current is supplied by the internal regulator when the
external supply back driving VCC is not available such as
during start-up or short-circuit.
The manufacturer’s maximum continuous drain current
specification should exceed the peak switch current which is
the same as the inductor peak current, IL(MAX) + ΔIL/2.
During the supply start-up, the gate drive levels are set by
the VCC voltage regulator, which is approximately 8V. Once
the supply is up and running, the VCC can be back driven
by an auxiliary supply such as VOUT. It is important not
to exceed the manufacturer’s maximum VGS specification.
A standard level threshold MOSFET typically has a VGS
maximum of 20V.
Boost Converter: Rectifier Selection
The rectifier is selected based upon the forward voltage,
reverse voltage and maximum current. A Schottky diode
is recommended for its low forward voltage and yields the
lowest power loss and highest efficiency. The maximum
reverse voltage that the diode will see is VOUT. The average
diode current is equal to the maximum output load current,
IOUT(MAX). A diode rated at 1.5 to 2 times the maximum
average diode current is recommended. Remember boost
converters are not short-circuit protected.
Boost Converter: Output Capacitor Selection
In boost mode, the output capacitor requirements are
more demanding due to the fact that the current waveform
is pulsed instead of continuous as in a buck converter.
The choice of component(s) is driven by the acceptable
ripple voltage which is affected by the ESR, ESL and bulk
capacitance. The total output ripple voltage is:
ΔVI
fC
ESR
DC
OUT
OUT MAX
SW
OUT
MAX
=+
−
⎛
⎝⎜
⎞
⎠⎟
()
•
1
1
where the first term is due to the bulk capacitance and the
second term due to the ESR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com