Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1339 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1339
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1339 Datasheet HTML 16Page - Linear Technology LT1339 Datasheet HTML 17Page - Linear Technology LT1339 Datasheet HTML 18Page - Linear Technology LT1339 Datasheet HTML 19Page - Linear Technology LT1339 Datasheet HTML 20Page - Linear Technology LT1339 Datasheet HTML 21Page - Linear Technology LT1339 Datasheet HTML 22Page - Linear Technology LT1339 Datasheet HTML 23Page - Linear Technology LT1339 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3844
21
3844fb
TYPICAL APPLICATIONS
All Ceramic Capacitor Application, 24V to 3.3V at 5A, fSW = 250kHz
VIN
SHDN
CSS
BURST_EN
VFB
VC
SYNC
fSET
BOOST
TG
SW
VCC
PGND
SENSE+
SENSE–
SGND
LT3844
3844 TA02
R5
63.4k
VOUT
3.3V
5A
C2
680pF
C3
100pF
CIN
22μF
3
R4
10k
C1
2200pF
C5
0.22μF
C4
2.2μF
L1
6.8μH
COUT
100μF
2
RSENSE
0.01Ω
R1
3.32k
R2
5.62k
R3
1M
D1
D2
IN4148
M1
VIN
24V
L1 = VISHAY, IHLP5050FD-01
M1 = VISHAY, SI7852DP
D1 = DIODES INC, PDS760
COUT = TDK, C4532X5R0J107K
CIN = TDK, C4532X7R2A225K
(VOLTAGE
TRANSIENTS
UP TO 60V)
4
1
3
2
5
6
7
8
16
15
14
13
12
11
10
9
8V to 20V to 8V, 25W SEPIC Application
VIN
SHDN
CSS
BURST_EN
VFB
VC
SYNC
fSET
BOOST
TG
SW
VCC
PGND
SENSE+
SENSE–
SGND
LT3844
3844 TA03
R3
49.9k
VOUT
8V
25W
C2
100pF
C3
680pF
CIN2
1μF
25V
CIN1
22μF
25V
3
C1
3300pF
C5
22mF
25V
3
C4
1μF
25V
R1
10k
R2
54.9k
R4
1M
RSENSE
0.01Ω
R5
40.2k
D2
R6
10Ω
R7
10Ω
M1
VIN
12V
L1 = COILTRONICS, VERSAPAC VP5-0083
CIN, C5, COUT2 = TDK, C4532X7R1E226M
D2 = ONSEMI, MBRD660
COUT = SANYO OS-CON, 16SVP330M
CIN = VISHAY, Si7852DP
56pF
COUT2
22μF
25V
COUT1
330μF
16V
•
•
L1
L1
4
1
3
2
5
6
7
8
16
15
14
13
12
11
10
9
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com