Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1321 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1321
Description  Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1321 Datasheet HTML 8Page - Linear Technology LTC1321 Datasheet HTML 9Page - Linear Technology LTC1321 Datasheet HTML 10Page - Linear Technology LTC1321 Datasheet HTML 11Page - Linear Technology LTC1321 Datasheet HTML 12Page - Linear Technology LTC1321 Datasheet HTML 13Page - Linear Technology LTC1321 Datasheet HTML 14Page - Linear Technology LTC1321 Datasheet HTML 15Page - Linear Technology LTC1321 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LTC1321/LTC1322/LTC1335
Figure 7. RS485 Driver Propagation Delays
Figure 9. RS485 Receiver Propagation Delays
0V
V OD2
A – B
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
R
VOL
VOH
1321/22/35 F09
tPLH
tPHL
INPUT
–V OD2
OUTPUT
0V
1.5V
3V
D
Y OR Z
–VO
VO
1321/22/35 F10
tPHL
tPLH
0V
0V
0V
1.5V
1.5V
1.5V
3V
0V
D
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
Y – Z
–VO
VO
tSKEW
1/2 VO
1321/22/35 F07
tPLH
tr
90%
50%
10%
tPHL
tf
90%
50%
10%
VO
tSKEW
VDIFF = V(Y) – V(Z)
Z
Y
SWITCHI G WAVEFOR S
Figure 10. EIA/TIA-562 Driver Propagation Delays
1.5V
3V
0V
DE
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
Y OR Z
VOL
5V
tZL
tLZ
0.5V
OUTPUT NORMALLY LOW
0V
1321/22/35 F08
2.3V
2.3V
tZH
VOH
OUTPUT NORMALLY HIGH
tHZ
0.5V
Y OR Z
Figure 8. RS485 Driver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com