Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1321 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1321
Description  Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321 Datasheet(HTML) 5 Page - Linear Technology

  LTC1321 Datasheet HTML 1Page - Linear Technology LTC1321 Datasheet HTML 2Page - Linear Technology LTC1321 Datasheet HTML 3Page - Linear Technology LTC1321 Datasheet HTML 4Page - Linear Technology LTC1321 Datasheet HTML 5Page - Linear Technology LTC1321 Datasheet HTML 6Page - Linear Technology LTC1321 Datasheet HTML 7Page - Linear Technology LTC1321 Datasheet HTML 8Page - Linear Technology LTC1321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1321/LTC1322/LTC1335
RS485 Driver Differential Output
Voltage vs Temperature
TEMPERATURE (°C)
–50
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
0
50
75
1321 G01
–25
25
100
125
RL = 54Ω
RS485 Driver Output High Voltage
vs Output Current
EIA562 Driver Output Voltage
vs Temperature
OUTPUT VOLTAGE (V)
0
3
5
1321 G04
12
4
–80
–70
–60
–50
–40
–30
–20
–10
0
TA = 25°C
TEMPERATURE (°C)
–50
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
50
75
1321 G07
–25
25
100
125
RL = 3k
OUTPUT HIGH
OUTPUT LOW
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
15
12
9
6
3
0
0
50
75
1321 G03
–25
25
100
125
RS485 Driver Skew vs
Temperature
EIA562 Driver Output Short-Circuit
Current vs Temperature
TEMPERATURE (°C)
–50
18
16
14
12
10
8
6
25
75
1321 G09
–25
0
50
100
125
SOURCE
VOUT = 0V
SINK
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
70
60
50
40
30
20
10
0
34
1321 G02
12
5
TA = 25°C
RS485 Driver Differential Output
Current vs Output Voltage
OUTPUT VOLTAGE (V)
0
120
100
80
60
40
20
0
123
4
1321 G05
5
TA = 25°C
RS485 Driver Output Low Voltage
vs Output Current
EIA562 Driver Output Voltage
vs Supply Voltage
VDD SUPPLY VOLTAGE (V)
4
5
6
78
1321 G08
9
10
8
6
4
2
0
–2
–4
–6
–8
–10
10
RL = 3k
TA = 25°C
VEE = –VDD
OUTPUT HIGH
OUTPUT LOW
RS485 Driver Output Short-Circuit
Current vs Temperature
TEMPERATURE (°C)
–50
160
140
120
100
80
60
40
25
75
1321 G19
–25
0
50
100
125
SOURCE
(VOUT = 0V)
SINK
(VOUT = 5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com