Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8536AT1 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8536AT1
Description  Universal LCD driver for low multiplex rates including a 6 channel PWM generator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT1 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8536AT1 Datasheet HTML 30Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 31Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 32Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 33Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 34Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 35Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 36Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 37Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
PCF8536
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 21 February 2012
34 of 74
NXP Semiconductors
PCF8536
Universal LCD low multiplex driver with 6 channel PWM generator
8.6 Display register
The display register holds the display data while the corresponding multiplex signals are
generated.
8.7 Backplane outputs
The LCD drive section includes eight backplane outputs: BP0 to BP7. The backplane
output signals are generated based on the selected LCD multiplex drive mode.
• In 1:8 multiplex drive mode: BP0 to BP7 must be connected directly to the LCD.
• In 1:6 multiplex drive mode: BP0 to BP5 must be connected directly to the LCD.
• In 1:4 multiplex drive mode: BP0 to BP3 must be connected directly to the LCD.
8.8 Segment outputs
The LCD drive section includes up to 44 segment outputs (S0 to S43) which must be
connected directly to the LCD. The segment output signals are generated based on the
multiplexed backplane signals and with data resident in the display register. When less
segment outputs are required, the unused segment outputs must be left open-circuit.
The number of available segments depends on the multiplex drive mode selected and the
number of GPOs used. The table shows consecutive GPOs selected, but this is just for
simplicity of explanation. Any combination of GPOs may be used.
Table 32.
Backplane and active segment combinations
Basic examples. GPO pins may be configured in any combination. Other LCD segment and GPO combinations are possible.
Multiplex
drive mode
Active BPs Active GPOs
None
GP0 only
GP0 to GP1 GP0 to GP2 GP0 to GP3 GP0 to GP4 GP0 to GP5
1:8
BP0 to BP7 S0 to S39
S1 to S39
S2 to S39
S3 to S39
S4 to S39
S5 to S39
S6 to S39
1:6
BP0 to BP5 S0 to S41
S1 to S41
S2 to S41
S3 to S41
S4 to S41
S5 to S41
S6 to S41
1:4
BP0 to BP3 S0 to S43
S1 to S43
S2 to S43
S3 to S43
S4 to S43
S5 to S43
S6 to S43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com