Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8536AT1 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF8536AT1
Description  Universal LCD driver for low multiplex rates including a 6 channel PWM generator
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT1 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF8536AT1 Datasheet HTML 41Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 42Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 43Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 44Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 45Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 46Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 47Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 48Page - NXP Semiconductors PCF8536AT1 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
PCF8536
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 21 February 2012
45 of 74
NXP Semiconductors
PCF8536
Universal LCD low multiplex driver with 6 channel PWM generator
8.11.2 PWM inversion mode
The PWM inversion mode can be enabled by setting the PWMI bit to logic 1 (see Table 7
on page 8). The PWMI mode will invert the PWM waveform.
By default, all PWM outputs will switch HIGH at the same time. If the PWM output is used
to drive external LEDs then this could cause a voltage dip on the power supply of the
LEDs. With the PWMI mode, it is possible to prevent multiple outputs switching HIGH at
the same time by ensuring that the PWM values are not identical.
In the example in Figure 30, none of the six PWM outputs switch HIGH together. All PWM
channels instead switch off together; however this will not cause any power supply
disturbances.
When PWM inversion mode is used, the PWM duty cycle can be calculated with:
(10)
Fig 30. PWM example waveforms for PWMI = 1
001aan570
fPWM
PWM register 0 = 0
100.00 %
99.20 %
75.00 %
50.00 %
25.00 %
0.78 %
PWM register 1 = 1
PWM register 2 = 32
PWM register 3 = 64
PWM register 4 = 96
PWM register 5 = 127
1
t =
128 x fPWM
DutyCycle
128
PWMvalue
–
128
-------------------------------------------- 100
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com