Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL2550W-R050F Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # RL2550W-R050F
Description  1W, 2010, Low Resistance Chip Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL2550W-R050F Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  RL2550W-R050F Datasheet HTML 1Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 2Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 3Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 4Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 5Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 6Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 7Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT : SM560000NH
REVISION
: A0
PAGE
: 1 OF 8
1W, 2010, Low Resistance Chip Resistor (Lead / Halogen Free)
1. Scope
This specification applies to 2.5mm x 5.0mm size 1W, fixed metal film chip resistors rectangular type
for use in electronic equipment.
2. Type Designation
RL2550
W
-
□□□□
□
(1)
(2)
(3)
(4)
Where
(1) Series No.
(2) W = W Type
(3) Resistance value :
For example - -
R005 = 5m
Ω
R050 = 50m
Ω
(4) Resistance tolerance
F =
± 1%
G =
± 2%
J =
± 5%
3. Outline Construction and Marking
3-1 Outline Construction
(1) Substrate
Alumina 96%
(2) Resistor
Cu alloy
(3) Terminals
Sn (on Cu )
(4) Protection coat
Heat resistive epoxy resin
(5) Marking
Epoxy resin
Dimensions (mm)
Code Letter
RL2550
L
5.0
± 0.20
W
2.5
± 0.20
a
1.00
± 0.15
t
0.80
± 0.15
Figure 1. Construction and Dimensions
(1)
(2)
(3)
(4)
L
a
a
R005
W
t
(5)


Similar Part No. - RL2550W-R050F

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
RL2550W CYNTEC-RL2550W Datasheet
962Kb / 8P
RL2550W Series Current Sensor Resistor (Lead / Halogen Free)
More results

Similar Description - RL2550W-R050F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLW2012-6-R005F DELTA-RLW2012-6-R005F Datasheet
135Kb / 7P
1W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL36370-R002-F DELTA-RL36370-R002-F Datasheet
125Kb / 6P
3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
RL32646C-R003-F DELTA-RL32646C-R003-F Datasheet
94Kb / 7P
1W, 2512, SC Type Low Resistance Chip Resistor (Lead / Halogen Free)
RL1632W-6-R001F DELTA-RL1632W-6-R001F Datasheet
129Kb / 6P
1W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
RL0204-G-R300F DELTA-RL0204-G-R300F Datasheet
91Kb / 7P
1/32W, 01005 Low Resistance Chip Resistor (Lead / Halogen free)
logo
DAESAN ELECTRONIC CORP.
RL1632-6C-R005F DAESAN-RL1632-6C-R005F Datasheet
121Kb / 7P
1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
Cyntec Co., Ltd.
HPFR16S CYNTEC-HPFR16S Datasheet
1,012Kb / 8P
1W, 1206, High Power Chip Resistor (Lead free / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com