Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL2550W-R050F Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # RL2550W-R050F
Description  1W, 2010, Low Resistance Chip Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL2550W-R050F Datasheet(HTML) 6 Page - Delta Electronics, Inc.

  RL2550W-R050F Datasheet HTML 1Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 2Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 3Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 4Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 5Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 6Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 7Page - Delta Electronics, Inc. RL2550W-R050F Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT : SM560000NH
REVISION
: A0
PAGE
: 6 OF 8
7. Recommended Solder Pad Dimensions
W
L
D
2550
3.05
6.12
1.56
Unit : mm
Note : We recommend there is no circuit design
between pads to avoid circuit short
Cu Trace
W
L
D
Sensing Trace



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com