Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CKAFAAAA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CKAFAAAA
Description  GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CKAFAAAA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CKAFAAAA Datasheet HTML 1Page - List of Unclassifed Manufacturers CKAFAAAA Datasheet HTML 2Page - List of Unclassifed Manufacturers CKAFAAAA Datasheet HTML 3Page - List of Unclassifed Manufacturers CKAFAAAA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7AT England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk | www.lorlin.co.uk
1
GENERAL ELECTRICAL &
MECHANICAL SPECIFICATION
CK ROTARY SWITCH SPECIFICATION SHEET
o
Made in UK
o
Cost effective single wafer
switch
o
Moulded 27.5mm diameter
o
Standard 30º indexing
o
Solder or Printed Circuit
Board Terminals
o
Up to 4 poles per switch
o
Maximum 12 positions
o
Shorting (make before break 30º
indexing only) or non shorting
(break before make) contacts.
o
Adjustable stop to restrict number
of positions
o
Special options: 60ºor 90º indexing,
continuous rotation,
o
Optional reinforcement ring.
o
Fixed stop, UL-V0 rated
material, gold flashed or gold
plated contacts, and spindles with
special flats, slots or knurls.
o
No Bush versions available
o
Rear Drive versions available
o
Sealed PCB Termination
available
Switch Rating:
150mA@250V ac/dc resistive load
Currrent Carrying Capacity
5A non switching
Life:
>10,000 Cycles
Operating Temperature:
-30ºC to +85 ºC
Proof Voltage:
1,500Vac (Initial)
Insulation Resistance:
>999 M
at 500Vdc (Initial)
Contact Resistance:
<20 m
(initial)
Operating Torque (nominal)
Standard 8.6 ± 1 cNm
Light Action 3.5 ± 0.5 cNm
End Stop Torque (nominal):
0.80 Nm
Moulding Material:
Polyamide 6.6 G.F.
Contact/Terminal Material:
Brass CZ108 Ag Plated
CK ROTARY SWITCH
RoHS COMPLIANT
GENERAL FEATURES & OPTIONS


Similar Part No. - CKAFAAAA

ManufacturerPart #DatasheetDescription
logo
I.L.M.E. S.p.A.
CKA03C ILME-CKA03C Datasheet
216Kb / 1P
ILME Multipole Connectors
CKA03CA ILME-CKA03CA Datasheet
216Kb / 1P
ILME Multipole Connectors
CKA03VAS ILME-CKA03VAS Datasheet
216Kb / 1P
ILME Multipole Connectors
CKA03VS ILME-CKA03VS Datasheet
216Kb / 1P
ILME Multipole Connectors
logo
Lorlin Electronics Ltd.
CKAAAAAA LORLIN-CKAAAAAA Datasheet
924Kb / 4P
CK ROTARY SWITCH
More results

Similar Description - CKAFAAAA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
CK1061 ETC2-CK1061 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
CK1030 ETC2-CK1030 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
SRL-5-D-S-2 ETC2-SRL-5-D-S-2 Datasheet
173Kb / 2P
MECHANICAL SPECIFICATION
logo
Lorlin Electronics Ltd.
GCK1024 LORLIN-GCK1024 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCK LORLIN-GCK Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com