Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM232-PLUS2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # USB-COM232-PLUS2
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-COM232-PLUS2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button USB-COM232-PLUS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 10Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 11Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 12Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 13Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 14Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 15Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 16Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
12
Document Reference No.: FT_000147
USB-COM232-PLUS2 Datasheet
Version 1.1
Clearance No.: FTDI# 96
3 Connections
3.1 External Connectors
3.1.1 USB
The USB-COM232-PLUS2 is a USB 2.0 Hi-Speed Device. A standard USB Series “miniB” receptacle is
mounted on the USB-COM232-PLUS2 to facilitate connection to an upstream USB Host or Hub.
Pin Number
Pin Type
Description
1
Power
VBUS – USB Power provided from upstream USB Host or Hub
2
Bidirectional
D– = USB data signal, negative polarity
3
Bidirectional
D+ = USB data signal, positive polarity
4
ID
ID = Host /slave select pin ,No used
5
Ground
GND = USB signal ground
Shield
Case Ground
Drain = typically connected to the host PC case
Table 3.1 – USB "miniB" Receptacle Pin-Out
3.1.2 RS232
The RS232 port is configured as Data Terminal Equipment (DTE), with a 9-contact D-Sub Pin connector.
Pin assignments are according to TIA/EIA-574 which formally defines the assignments for a COM port
found on many personal computers.
Pin Number
Pin Type
Description
1
Input
DCD = Data Carrier Detect
2
Input
RXD = Receive Data
3
Output
TXD = Transmit Data
4
Output
DTR = Data Terminal Ready
5
Ground
GND = RS232 signal ground
6
Input
DSR = Data Set Ready
7
Output
RTS = Request To Send
8
Input
CTS = Clear To Send
9
Input
RI = Ring Indicator
Shield
Case Ground
Drain = typically connected to the host PC case
Table 3.2 – DE-9P RS232 Pin-Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com