Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM232-PLUS2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB-COM232-PLUS2
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-COM232-PLUS2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB-COM232-PLUS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-COM232-PLUS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
3
Document Reference No.: FT_000147
USB-COM232-PLUS2 Datasheet
Version 1.1
Clearance No.: FTDI# 96
1.4 Features
Adds two RS-232 serial ports by connecting to USB
Easy plug & play installation and RS-232 device connection
Provide USB2.0 Hi-Speed(480Mbps) interface and works with USB 1.1 & 2.0 Host and Hub ports
Industry Standard FTDI chip set & device drivers for maximum compatibility
Microsoft Windows® WHQL-certified, Mac OS X, Linux and Windows CE device drivers
Installs as two standard Windows COM ports
COM port number can be changed to any available COM port number, including COM1 to COM4,
to support HyperTerminal, or any other serial communications software application running in
Windows
Supports Windows Server 2008, 2003, Vista, XP 2000, Linux, Mac OS X
FIFO: 4K byte transmit buffer, 4K byte receive buffer
RS-232 data signals: TxD, RxD, RTS, CTS, DTR, DSR, DCD, RI, GND
Powered by USB port. No external power adapter required.
Serial port speed up to 1Mbps
Serial Communication Parameters
o
Parity: None, Even, Odd
o
Data bits: 7, 8
o
Flow control: RTS/CTS , DTR/DSR, X-ON/X-OFF, None
Two DE-9P male connectors
LEDs indicate USB Enumeration, RxD, TxD for monitoring port status & easy diagnostics
Operating temperature of -40°C to +85°C
1.5 Performance Figures
Parameter
Performance
USB Interface
480Mbps USB 2.0 Hi-Speed
RS232 Interface
Standard Windows baud rates (300bps to 921.6Kbps)
Custom baud rates (300bps to 1Mbps) through baud rate aliasing. See
FTDI Application Note: AN232B-05 Configuring FT232R, FT2232 and
FT232BM Baud Rates
Table 1.2 - Performance Figures
Part Number
Description
USB-COM232-PLUS2
USB-COM-PLUS2 Hi-Speed USB to 2-Port RS232 module
Table 1.3 - Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com