Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1655CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1655CS8
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1655CS8 Datasheet HTML 8Page - Linear Technology LTC1655CS8 Datasheet HTML 9Page - Linear Technology LTC1655CS8 Datasheet HTML 10Page - Linear Technology LTC1655CS8 Datasheet HTML 11Page - Linear Technology LTC1655CS8 Datasheet HTML 12Page - Linear Technology LTC1655CS8 Datasheet HTML 13Page - Linear Technology LTC1655CS8 Datasheet HTML 14Page - Linear Technology LTC1655CS8 Datasheet HTML 15Page - Linear Technology LTC1655CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1655/LTC1655L
TYPICAL APPLICATIONS
This circuit shows how to make a bipolar output 16-bit
DAC with a wide output swing using an LTC1655 and an
LT1077. R1 and R2 resistively divide down the LTC1655
output and an offset is summed in using the LTC1655
onboard 2.048V reference and R3 and R4. R5 ensures that
the onboard reference is always sourcing current and
never has to sink any current even when VOUT is at full
scale. The LT1077 output will have a wide bipolar output
swing of – 4.096V to 4.096V as shown in the figure below.
With this output swing 1LSB = 125
µV.
A Wide Swing, Bipolar Output 16-Bit DAC
CLK
DIN
CS/LD
µP
0.1
µF
VCC
VOUT
GND
VREF
R1
100k
1%
5V
LTC1655
1655/55L TA05
–
+
LT1077
5V
–5V
R2
200k
1%
R3
100k
1%
R5
100k
1%
R4
200k
1%
(2)(DIN)(4.096)
65536
VOUT:
DIN
VOUT
4.096
– 4.096
32768
0
65535
TRANSFER CURVE
– 4.096V
1
6
8
5
7
2
3
6
7
4
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com