Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1655CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1655CS8
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1655CS8 Datasheet HTML 8Page - Linear Technology LTC1655CS8 Datasheet HTML 9Page - Linear Technology LTC1655CS8 Datasheet HTML 10Page - Linear Technology LTC1655CS8 Datasheet HTML 11Page - Linear Technology LTC1655CS8 Datasheet HTML 12Page - Linear Technology LTC1655CS8 Datasheet HTML 13Page - Linear Technology LTC1655CS8 Datasheet HTML 14Page - Linear Technology LTC1655CS8 Datasheet HTML 15Page - Linear Technology LTC1655CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1655/LTC1655L
TYPICAL APPLICATIONS
This circuit shows a digitally programmable current source
from an external voltage source using an external op amp,
an LT1218 and an NPN transistor (2N3440). Any digital
word from 0 to 65535 is loaded into the LTC1655 and its
output correspondingly swings from 0V to 4.096V. This
voltage will be forced across the resistor RA. If RA is
chosen to be 412
Ω, the output current will range from
0mA at zero scale to 10mA at full scale. The minimum
voltage for VS is determined by the load resistor RL and
Q1’s VCESAT voltage. With a load resistor of 50Ω, the
voltage source can be 5V.
CLK
DIN
CS/LD
0.1
µF
VCC
VOUT
GND
5V
LTC1655
µP
1655/55L TA04
–
+
LT1218
5V < VS < 100V
FOR RL ≤ 50Ω
Q1
2N3440
RA
412
Ω
1%
RL
IOUT =
≈ 0mA TO 10mA
(DIN)(4.096)
(65536)(RA)
1
8
5
7
2
3
6
7
4
3
2
Digitally Programmable Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com