Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3602EUF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3602EUF
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602EUF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3602EUF Datasheet HTML 8Page - Linear Technology LTC3602EUF Datasheet HTML 9Page - Linear Technology LTC3602EUF Datasheet HTML 10Page - Linear Technology LTC3602EUF Datasheet HTML 11Page - Linear Technology LTC3602EUF Datasheet HTML 12Page - Linear Technology LTC3602EUF Datasheet HTML 13Page - Linear Technology LTC3602EUF Datasheet HTML 14Page - Linear Technology LTC3602EUF Datasheet HTML 15Page - Linear Technology LTC3602EUF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC3602
12
3602fb
APPLICATIONS INFORMATION
Topside MOSFET Driver Supply (BOOST Pin)
The LTC3602 uses a bootstrapped supply to power the
gate of the internal topside MOSFET (Figure 3). When the
topside MOSFET is off and the SW pin is low, diode DBST
charges capacitor CBST to the voltage on the INTVCC sup-
ply. In order to turn on the topside MOSFET, the voltage on
the BOOST pin is then applied to its gate. As the topside
MOSFET turns on, the SW pin rises to the PVIN voltage
and the BOOST pin rises to PVIN + INTVCC, thereby keep-
ing the MOSFET fully enhanced. For most applications, a
0.22μF ceramic capacitor is appropriate for CBST. Schottky
diode DBST should have a reverse breakdown voltage that
is greater than PVIN(MAX).
voltage of the converter. To use the default, internal 1ms
soft-start ramp, leave the TRACK/SS pin floating. Do not
tie the TRACK/SS pin to INTVCC or to PVIN. To increase the
soft-start time above 1ms, place a cap on the TRACK/SS
pin. A 1.2μA internal pull-up current will charge this cap,
resulting in a soft-start ramp time given by:
t
SS = CSS •
0.6
1.2µA
When the LTC3602 detects a fault condition (either
undervoltage lockout or overtemperature), the TRACK/SS
pin is quickly pulled to ground and the internal soft-start
timer is also reset. This ensures an orderly restart when
using an external soft-start capacitor.
To implement tracking, a resistor divider is placed between
an external supply (VX) and the TRACK/SS pin as shown
in Figure 5a. This technique can be used to cause VOUT to
ratiometrically track the VX supply (Figure 5b), according
to the following:
V
V
R
R
RR
RR
OUT
X
TA
A
AB
TA
TB
=
+
+
•
For coincident tracking, as shown in Figure 5c, (VOUT =
VX during start-up),
RTA = RA, RTB = RB
Note that the 1.2μA current that is sourced from the
TRACK/SS pin will cause a slight offset in the voltage seen
on the TRACK/SS pin and consequently on the VOUT volt-
age during tracking. This VOUT offset due to the TRACK/SS
current is given by:
V
OS,TRK = (1.2µA) •
R
TARTA
R
TA + RTB
•
R
A + RB
R
A
For most applications, this offset is small and has minimal
effect on tracking performance. For improved tracking ac-
curacy, reduce the parallel impedance of RTA and RTB.
4.7MΩ
LTC3602
3602 F04
PVIN
RUN
LTC3602
3.3V OR 5V
RUN
Figure 4. RUN Pin Interfacing
DBST
LTC3602
CBST
3602 F03
BOOST
SW
INTVCC
CINTVCC
Figure 3. Topside MOSFET Supply
Run and Soft-Start/Tracking Functions
The LTC3602 has a low power shutdown mode which is
controlled by the RUN pin. Pulling the RUN pin below 0.7V
puts the LTC3602 into a low quiescent current shutdown
mode (IQ < 1μA). When the RUN pin is greater than 0.7V,
the controller is enabled. The RUN pin can be driven directly
from logic as shown in Figure 4.
Soft-start and tracking are implemented by limiting the
effective reference voltage as seen by the error amplifier.
Ramping up the effective reference into the error amp in
turn causes a smooth and controlled ramp on the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com