Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3602EUF Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3602EUF
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602EUF Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3602EUF Datasheet HTML 10Page - Linear Technology LTC3602EUF Datasheet HTML 11Page - Linear Technology LTC3602EUF Datasheet HTML 12Page - Linear Technology LTC3602EUF Datasheet HTML 13Page - Linear Technology LTC3602EUF Datasheet HTML 14Page - Linear Technology LTC3602EUF Datasheet HTML 15Page - Linear Technology LTC3602EUF Datasheet HTML 16Page - Linear Technology LTC3602EUF Datasheet HTML 17Page - Linear Technology LTC3602EUF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3602
14
3602fb
APPLICATIONS INFORMATION
Thermal Considerations
In most applications, the LTC3602 does not dissipate much
heat due to its high efficiency. But, in applications where the
LTC3602 is running at high ambient temperature with low
supply voltage and high duty cycles, such as in dropout,
the heat dissipated may exceed the maximum junction
temperature of the part. If the junction temperature reaches
approximately 150°C, both power switches will be turned
off and the SW node will become high impedance.
To prevent the LTC3602 from exceeding the maximum
junction temperature, the user will need to do some thermal
analysis. The goal of the thermal analysis is to determine
whether the power dissipated exceeds the maximum
junction temperature of the part. The temperature rise is
given by:
TR = (PD) • (θJA)
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to
the ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.
As an example, consider the LTC3602 in dropout at an
input voltage of 8V, a load current of 2.5A and an ambi-
ent temperature of 70°C. From the Typical Performance
graph of Switch Resistance, the RDS(ON) of the top switch
at 70°C is approximately 120mΩ. Therefore, power dis-
sipated by the part is:
PD = (ILOAD2)(RDS(ON)) = (2.5A)2(120mΩ) = 0.75W
For the TSSOP package, the
θJA is 38°C/W. Thus the junc-
tion temperature of the regulator is:
TJ = 70°C + (0.75W)(38°C/W) = 98.5°C
which is below the maximum junction temperature of
125°C.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD•(ESR), where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or dis-
charge COUT, generating a feedback error signal used by the
regulator to return VOUT to its steady-state value. During
this recovery time, VOUT can be monitored for overshoot
or ringing that would indicate a stability problem. The ITH
pin external components and output capacitor shown in the
front page application will provide adequate compensation
for most applications.
Design Example
As a design example, consider using the LTC3602 in
an application with the following specifications: VIN =
8.4V, VOUT = 3.3V, IOUT(MAX) = 2.5A, IOUT(MIN) = 100mA,
f= 1MHz. Because efficiency is important at both high and
low load current, Burst Mode operation will be utilized.
First, calculate the timing resistor:
R
MHz
kk
OSC ==
115 10
1
10
105
11
.•
–
Next, calculate the inductor value for about 40% ripple
current at maximum VIN:
L
=
3.3V
1MHz
() 1A
()
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟•1–
3.3V
8.4V
⎛
⎝
⎜
⎞
⎠
⎟=2µH
Using a 2.2μH inductor results in a maximum ripple cur-
rent of:
ΔI
L =
3.3V
1MHz
() 2.2µH
()
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟•1–
3.3V
8.4V
⎛
⎝
⎜
⎞
⎠
⎟ = 0.91A
COUT will be selected based on the ESR that is required
to satisfy the output voltage ripple requirement and the
bulk capacitance needed for loop stability. In this applica-
tion, a tantalum capacitor will be used to provide the bulk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com