Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3602 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3602
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3602 Datasheet HTML 4Page - Linear Technology LTC3602 Datasheet HTML 5Page - Linear Technology LTC3602 Datasheet HTML 6Page - Linear Technology LTC3602 Datasheet HTML 7Page - Linear Technology LTC3602 Datasheet HTML 8Page - Linear Technology LTC3602 Datasheet HTML 9Page - Linear Technology LTC3602 Datasheet HTML 10Page - Linear Technology LTC3602 Datasheet HTML 11Page - Linear Technology LTC3602 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3602
8
3602fb
OPERATION
Dropout Operation
When the input supply voltage decreases toward the output
voltage, the duty cycle increases toward the maximum
on-time. Further reduction of the supply voltage forces the
top switch to remain on for more than one cycle until it
attempts to stay on continuously. In order to replenish the
voltage on the floating BOOST supply capacitor, however,
the top switch is forced off and the bottom switch is forced
on for approximately 85ns every sixteen clock cycles. This
achieves an effective duty cycle that can exceed 99%. The
output voltage will then be primarily determined by the
input voltage minus the voltage drop across the upper
internal N-channel MOSFET and the inductor.
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant-fre-
quency architectures by preventing subharmonic oscilla-
tions at duty cycles greater than 50%. It is accomplished
internally by adding a compensating ramp to the inductor
current signal at duty cycles in excess of 30%. Normally,
the maximum inductor peak current is reduced when
slope compensation is added. In the LTC3602, however,
slope compensation recovery is implemented to reduce
the variation of the maximum inductor peak current (and
therefore the maximum available output current) over the
range of duty cycles.
Short-Circuit Protection
When the output is shorted to ground, the inductor cur-
rent decays very slowly during a single switching cycle.
To prevent current runaway from occurring, a secondary
current limit is imposed on the inductor current. If the
inductor valley current increases to more than 4.5A, the
top power MOSFET will be held off and switching cycles
will be skipped until the inductor current is reduced.
Overtemperature Protection
When using the LTC3602 in an application circuit, care
must be taken not to exceed any of the ratings speci-
fied in the Absolute Maximum Ratings section. As an
added safeguard, however, the LTC3602 does incorporate
an overtemperature shutdown feature. If the junction
temperature reaches approximately 150°C, both power
switches will be turned off and the SW node will become
high impedance. After the part has cooled to below 115°C,
it will restart.
Voltage Tracking and Soft-Start
Some microprocessors and DSP chips need two power
supplies with different voltage levels. These systems often
require voltage sequencing between the core power supply
and the I/O power supply. Without proper sequencing,
latch-up failure or excessive current draw may occur that
could result in damage to the processor’s I/O ports or the
I/O ports of a supporting system device such as memory,
an FPGA or a data converter. To ensure that the I/O loads
are not driven until the core voltage is properly biased,
tracking of the core supply and the I/O supply voltage is
necessary.
Voltage tracking is enabled by applying a ramp voltage to
the TRACK/SS pin. When the voltage on the TRACK pin
is below 0.6V, the feedback voltage will regulate to this
tracking voltage. When the tracking voltage exceeds 0.6V,
tracking is disabled and the feedback voltage will regulate
to the internal reference voltage.
The TRACK/SS pin is also used to implement an external
soft-start function. A 1.2μA current is sourced from this
pin so that an external capacitor may be added to create
a smooth ramp. If this ramp is slower than the internal
1ms soft-start, then the output voltage will track this ramp
during start up instead. Leave this pin floating to use the
internal 1ms soft-start ramp. Do not tie the TRACK/SS
pin to INTVCC or to PVIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com