Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3602 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3602
Description  2.5A, 10V, Monolithic Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 3 Page - Linear Technology

  LTC3602 Datasheet HTML 1Page - Linear Technology LTC3602 Datasheet HTML 2Page - Linear Technology LTC3602 Datasheet HTML 3Page - Linear Technology LTC3602 Datasheet HTML 4Page - Linear Technology LTC3602 Datasheet HTML 5Page - Linear Technology LTC3602 Datasheet HTML 6Page - Linear Technology LTC3602 Datasheet HTML 7Page - Linear Technology LTC3602 Datasheet HTML 8Page - Linear Technology LTC3602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3602
3
3602fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3602E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The LTC3602 is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVPGOOD
Power Good Range
±10
±12
%
RPGOOD
Power Good Resistance
11
18
Ω
IFB
FB Input Bias Current
10
nA
gm
Transconductance Amplifier gm
1.7
ms
IS
Supply Current
Active Mode
Sleep Mode
Shutdown
(Note 4)
500
75
0.2
700
100
1
μA
μA
μA
INTVCC
VCC LDO Output Voltage
4.8
5
5.2
V
tON, MIN
Minimum Controllable ON-Time
90
ns
VRUN
RUN Pin ON Threshold
VRUN Rising
l
0.4
0.7
1
V
ITRACK/SS
TRACK/SS Pull-Up Current
1.25
μA
fOSC
Oscillator Frequency
RT = 105k
0.8
1
1.2
MHz
fSYNC
SYNC Capture Range
0.3
3
MHz
RDS(ON)
Top Switch On-Resistance
Bottom Switch On-Resistance
90
67
mΩ
mΩ
ILIM
Peak Current Limit
3.8
4.5
5.2
A
ILSW
Switch Leakage Current
0.1
1
μA
VUVLO
INTVCC Undervoltage Lockout
INTVCC Ramping Up
4.1
4.2
4.3
V
VUVLO, HYS
INTVCC Undervoltage Lockout Hysteresis
700
mV
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 8.4V unless otherwise specified.
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient temperature TA and the power
dissipation as follows: TJ = TA + (PD)(θJA C/W).
Note 6: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 7: This limit indicates the current density limitations of the internal
metallization and it is not tested in production.
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Mode Operation
Load Step Transient Forced Continuous
10μs/DIV
OUTPUT
VOLTAGE
50mV/DIV
INDUCTOR
CURRENT
500mA/DIV
3602 G01
VIN = 7V
VOUT = 3.3V
LOAD = 50mA
10μs/DIV
OUTPUT
VOLTAGE
100mV/DIV
LOAD
CURRENT
1A/DIV
3602 G02
VIN = 7V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com