Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4250DP Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPX4250DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4250DP Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPX4250DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Sensors
Freescale Semiconductor
3
MPX4250D
Table 2. Operating Characteristics (VS = 5.1 Vdc, TA = 25°C unless otherwise noted, P1 > P2.
Decoupling circuit shown in Figure 3 required to meet electrical specifications.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
0
—
250
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range.
VS
4.85
5.1
5.35
Vdc
Supply Current
Io
—
7.0
10
mAdc
Minimum Pressure Offset @ VS = 5.1 Volts(3)
(0 to 85°C)
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
0.139
0.204
0.269
Vdc
Full Scale Output @ VS = 5.1 Volts(4)
(0 to 85°C)
4. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
VFSO
4.844
4.909
4.974
Vdc
Full Scale Span @ VS = 5.1 Volts(5)
(0 to 85°C)
5. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
—
4.705
—
Vdc
Accuracy(6)
(0 to 85°C)
6. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to
and from the minimum or maximum operating temperature points, with zero differential pressure applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25°C.
• TcSpan:
Output deviation over the temperature range of 0 to 85°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85°C, relative to 25°C.
• Variation from Nominal: The variation from nominal values, for Offset or Full Scale Span, as a percent of V
FSS, at 25°C.
——
—
±1.4
%VFSS
Sensitivity
∆V/∆P
—
18.8
—-
mV/kPa
Response Time(7)
7. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—1.0
—-
ms
Output Source Current at Full Scale Output
Io+
—0.1
—-
mAdc
Warm-Up Time(8)
8. Warm-up Time is defined as the time required for the product to meet the specified output voltage after the Pressure has been stabilized.
——
20
—-
ms
Offset Stability(9)
9. Offset Stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
——
±0.5
—-
%VFSS
Table 3. Mechanical Characteristics
Characteristics
Typ
Unit
Weight, Basic Element (Case 867)
4.0
grams



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com