Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4250DP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX4250DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4250DP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX4250DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4250DP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MPX4250D
Rev 5, 12/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPX4250D series piezoresistive transducer is a state-of-the-art
monolithic silicon pressure sensor designed for a wide range of applications,
particularly those employing a microcontroller or microprocessor with A/D inputs.
This transducer combines advanced micromachining techniques, thin-film
metallization, and bipolar processing to provide an accurate, high-level analog
output signal that is proportional to the applied pressure. The small form factor
and high reliability of on-chip integration make the Freescale sensor a logical and
economical choice for the automotive system engineer.
Features
•
Differential and Gauge Applications Available
•
1.4% Maximum Error Over 0° to 85°C
•
Patented Silicon Shear Stress Strain Gauge
•
Temperature Compensated Over –40° to +125°C
•
Offers Reduction in Weight and Volume Compared to Existing Hybrid
Modules
•
Durable Epoxy Unibody Element
Typical Applications
•
Ideally Suited for Microprocessor or Microcontroller-Based Systems
ORDERING INFORMATION(1)
1. The MPX4250D series silicon pressure sensors are available in the basic element
package or with pressure port fittings that provide mounting ease and barbed hose
connections.
Device Type
Case No.
MPX Series
Order No.
Device
Marking
UNIBODY PACKAGE (MPX4250D SERIES)
Basic Element
867
MPX4250D
MPX4250D
Gauge Ported Element
867B
MPX4250GP
MPX4250GP
Dual Ported Element
867C
MPX4250DP
MPX4250DP
MPX4250D
SERIES
INTEGRATED
PRESSURE SENSOR
0 TO 250 kPA (0 TO 36.3 psi)
0.2 TO 4.9 V OUTPUT
UNIBODY PACKAGES
PIN NUMBERS(1)
1. Pins 4, 5, and 6 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is noted by the
notch in the lead.
1
Vout
4
N/C
2
GND
5
N/C
3
VS
6
N/C
GAUGE PORT
OPTION
CASE 867B-04
STYLE 1
BASIC CHIP
CARRIER
ELEMENT
CASE 867-08
STYLE 1
DUAL PORT
OPTION
CASE 867C-05
STYLE 1


Similar Part No. - MPX4250DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4250DP MOTOROLA-MPX4250DP Datasheet
148Kb / 8P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output
logo
NXP Semiconductors
MPX4250DP NXP-MPX4250DP Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPX4250DP NXP-MPX4250DP Datasheet
505Kb / 14P
0 to 250 kPa, Differential, gauge pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 8.0-25 July 2017
More results

Similar Description - MPX4250DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com