Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1990 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1990
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 2 Page - Linear Technology

  LT1990 Datasheet HTML 1Page - Linear Technology LT1990 Datasheet HTML 2Page - Linear Technology LT1990 Datasheet HTML 3Page - Linear Technology LT1990 Datasheet HTML 4Page - Linear Technology LT1990 Datasheet HTML 5Page - Linear Technology LT1990 Datasheet HTML 6Page - Linear Technology LT1990 Datasheet HTML 7Page - Linear Technology LT1990 Datasheet HTML 8Page - Linear Technology LT1990 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC6101/LTC6101HV
2
6101fh
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
Total Supply Voltage (V+ to V–)
LTC6101............................................................... 70V
LTC6101HV ........................................................ 105V
Minimum Input Voltage (–IN Pin).................... (V+ – 4V)
Maximum Output Voltage (Out Pin) ............................9V
Input Current....................................................... ±10mA
Output Short-Circuit Duration (to V–).............. Indefinite
Operating Temperature Range
LTC6101C/LTC6101HVC.......................– 40°C to 85°C
LTC6101I/LTC6101HVI......................... –40°C to 85°C
LTC6101H/LTC6101HVH ................... –55°C to 125°C
Specified Temperature Range (Note 2)
LTC6101C/LTC6101HVC........................... 0°C to 70°C
LTC6101I/LTC6101HVI......................... –40°C to 85°C
LTC6101H/LTC6101HVH ................... –40°C to 125°C
Storage Temperature Range.................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C
(Note 1)
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6101ACMS8#PBF
LTC6101ACMS8#TRPBF
LTBSB
8-Lead Plastic MSOP
0°C to 70°C
LTC6101AIMS8#PBF
LTC6101AIMS8#TRPBF
LTBSB
8-Lead Plastic MSOP
–40°C to 85°C
LTC6101AHMS8#PBF
LTC6101AHMS8#TRPBF
LTBSB
8-Lead Plastic MSOP
–40°C to 125°C
LTC6101HVACMS8#PBF
LTC6101HVACMS8#TRPBF
LTBSX
8-Lead Plastic MSOP
0°C to 70°C
LTC6101HVAIMS8#PBF
LTC6101HVAIMS8#TRPBF
LTBSX
8-Lead Plastic MSOP
–40°C to 85°C
LTC6101HVAHMS8#PBF
LTC6101HVAHMS8#TRPBF
LTBSX
8-Lead Plastic MSOP
–40°C to 125°C
1
2
3
4
–IN
NC
NC
OUT
8
7
6
5
+IN
V+
NC
V–
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 300°C/ W
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
–IN 3
5 V+
4 +IN
TJMAX = 150°C, θJA = 250°C/ W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com