Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1990 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1990
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 3 Page - Linear Technology

  LT1990 Datasheet HTML 1Page - Linear Technology LT1990 Datasheet HTML 2Page - Linear Technology LT1990 Datasheet HTML 3Page - Linear Technology LT1990 Datasheet HTML 4Page - Linear Technology LT1990 Datasheet HTML 5Page - Linear Technology LT1990 Datasheet HTML 6Page - Linear Technology LT1990 Datasheet HTML 7Page - Linear Technology LT1990 Datasheet HTML 8Page - Linear Technology LT1990 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC6101/LTC6101HV
3
6101fh
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6101ACS5#TRMPBF
LTC6101ACS5#TRPBF
LTBND
5-Lead Plastic TSOT-23
0°C to 70°C
LTC6101AIS5#TRMPBF
LTC6101AIS5#TRPBF
LTBND
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC6101AHS5#TRMPBF
LTC6101AHS5#TRPBF
LTBND
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC6101BCS5#TRMPBF
LTC6101BCS5#TRPBF
LTBND
5-Lead Plastic TSOT-23
0°C to 70°C
LTC6101BIS5#TRMPBF
LTC6101BIS5#TRPBF
LTBND
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC6101BHS5#TRMPBF
LTC6101BHS5#TRPBF
LTBND
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC6101CCS5#TRMPBF
LTC6101CCS5#TRPBF
LTBND
5-Lead Plastic TSOT-23
0°C to 70°C
LTC6101CIS5#TRMPBF
LTC6101CIS5#TRPBF
LTBND
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC6101CHS5#TRMPBF
LTC6101CHS5#TRPBF
LTBND
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC6101HVACS5#TRMPBF
LTC6101HVACS5#TRPBF
LTBSZ
5-Lead Plastic TSOT-23
0°C to 70°C
LTC6101HVAIS5#TRMPBF
LTC6101HVAIS5#TRPBF
LTBSZ
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC6101HVAHS5#TRMPBF
LTC6101HVAHS5#TRPBF
LTBSZ
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC6101HVBCS5#TRMPBF
LTC6101HVBCS5#TRPBF
LTBSZ
5-Lead Plastic TSOT-23
0°C to 70°C
LTC6101HVBIS5#TRMPBF
LTC6101HVBIS5#TRPBF
LTBSZ
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC6101HVBHS5#TRMPBF
LTC6101HVBHS5#TRPBF
LTBSZ
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC6101HVCCS5#TRMPBF
LTC6101HVCCS5#TRPBF
LTBSZ
5-Lead Plastic TSOT-23
0°C to 70°C
LTC6101HVCIS5#TRMPBF
LTC6101HVCIS5#TRPBF
LTBSZ
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC6101HVCHS5#TRMPBF
LTC6101HVCHS5#TRPBF
LTBSZ
5-Lead Plastic TSOT-23
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com