Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1B Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 12Page - STMicroelectronics ST802RT1B Datasheet HTML 13Page - STMicroelectronics ST802RT1B Datasheet HTML 14Page - STMicroelectronics ST802RT1B Datasheet HTML 15Page - STMicroelectronics ST802RT1B Datasheet HTML 16Page - STMicroelectronics ST802RT1B Datasheet HTML 17Page - STMicroelectronics ST802RT1B Datasheet HTML 18Page - STMicroelectronics ST802RT1B Datasheet HTML 19Page - STMicroelectronics ST802RT1B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Pin description
ST802RT1A, ST802RT1B
16/58
Doc ID 17049 Rev 1
Table 5.
Signal detect
SDN
SDP
Mode
Ground
Ground
TX mode
Ground
A positive voltage
Undefined state
Voltage > 0.6 V
Voltage > 0.6 V
Undefined state
PECLLOW (PECLMID)
PECLLOW
FX mode asserted, but no data valid on the line
PECLHIGH
(PECLMID)
PECLLOW
FX mode asserted, but no data valid on the line
PECLHIGH
PECLHIGH
Undefined state
PECLLOW
(PECLMID)
PECLHIGH
FX mode asserted, link OK, and data valid
Table 6.
MII_CFG0, MII_CFG1 configuration
mii_cfg0
mii_cfg1
MII mode
0
X
RMII mode
1
0
Reserved
1
1
Table 7.
Auto-negotiation advertisement register
Forced mode
an_en
an_0
an_1
10M, Half-duplex
0
0
0
10M, Full-duplex
0
0
1
100M, Half-duplex
0
1
0
100M, Full-duplex
0
1
1
Advertised mode
an_en
an_0
an_1
10M, Half/full-duplex
1
0
0
100M, Half/full-duplex
1
0
1
10M, Half-duplex
100M, Half-duplex
11
0
10M, Half/Full-duplex
100M, Half/Full-duplex
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com