Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1B Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 45Page - STMicroelectronics ST802RT1B Datasheet HTML 46Page - STMicroelectronics ST802RT1B Datasheet HTML 47Page - STMicroelectronics ST802RT1B Datasheet HTML 48Page - STMicroelectronics ST802RT1B Datasheet HTML 49Page - STMicroelectronics ST802RT1B Datasheet HTML 50Page - STMicroelectronics ST802RT1B Datasheet HTML 51Page - STMicroelectronics ST802RT1B Datasheet HTML 52Page - STMicroelectronics ST802RT1B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
ST802RT1A, ST802RT1B
Electrical specifications and timings
Doc ID 17049 Rev 1
49/58
8
Electrical specifications and timings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 34.
Absolute maximum ratings
Parameter
Value
Unit
Supply voltage (VCC)
-0.5 to 4
V
Input voltage
-0.5 to VCC + 0.5
V
Output voltage
-0.5 to VCC + 0.5
V
Storage temperature
-65 to 150
°C
Ambient temperature
-40 to 105
°C
ESD protection
2
kV
Table 35.
General DC specification
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General DC
VCC
Supply voltage
3.15
3.3
3.45
V
IDDQA
Quiescent current analog
1.5
mA
IDDQD
Quiescent current digital
4.5
mA
VIH
Input high voltage
1.95
V
VIL
Input low voltage
0.85
V
10Base-T voltage/current characteristics
Vida10
Input differential accept peak voltage 5MHz – 10MHz
585
3100
mV
Vidr10
Input differential reject peak voltage
5MHz – 10MHz
0
585
mV
Vod10
Output differential peak voltage
2200
2800
mV
Idd10
Digital current consumption
Link active, transmitting 100%
receiving 100%
18
mA
IddA10
Analog current consumption
Link active, transmitting 100%
receiving 100%
77
mA
100Base-TX voltage/current characteristics
Vida100
Input differential accept peak voltage
200
1000
mV
Vidr100
Input differential reject peak voltage
0
200
mV
Vod100
Output differential peak voltage
950
1050
mV
Idd100
Digital current consumption
Link active, transmitting 100%
receiving 100%
25
mA
IddA100
Analog current consumption
Link active, transmitting 100%
receiving 100%
70
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com