Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD18NF25 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD18NF25
Description  N-channel 250 V, 0.14 廓, 17 A low gate charge STripFET??II Power MOSFET in D2PAK and DPAK packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD18NF25 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD18NF25 Datasheet HTML 3Page - STMicroelectronics STD18NF25 Datasheet HTML 4Page - STMicroelectronics STD18NF25 Datasheet HTML 5Page - STMicroelectronics STD18NF25 Datasheet HTML 6Page - STMicroelectronics STD18NF25 Datasheet HTML 7Page - STMicroelectronics STD18NF25 Datasheet HTML 8Page - STMicroelectronics STD18NF25 Datasheet HTML 9Page - STMicroelectronics STD18NF25 Datasheet HTML 10Page - STMicroelectronics STD18NF25 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STB18NF25, STD18NF25
Electrical characteristics
Doc ID 16785 Rev 3
7/18
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Static drain-source on-resistance
Figure 10.
Output capacitance stored energy
Figure 11.
Capacitance variations
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized on resistance vs
temperature
VGS
6
4
2
0
0
Qg(nC)
(V)
20
8
10
10
VDD=200V
ID=17A
12
150
100
50
0
200
VDS
VGS
30
AM05552v1
RDS(on)
0.13
0.12
0.11
0.10
5
ID(A)
(
Ω)
0.14
10
15
AM05553v1
Eoss
1.5
1.0
0.5
0
0
50
VDS(V)
(µJ)
200
2.0
100
150
2.5
3.0
3.5
4.0
AM05554v1
C
1000
100
10
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM05555v1
VGS(th)
0.60
0.50
0.40
0.30
-100
TJ(°C)
(norm)
-50
0.70
50
100
150
0.90
0.80
1.00
1.10
0
AM05556v1
RDS(on)
2.0
1.5
1.0
0.5
-50
0
TJ(°C)
(norm)
50
100
2.5
150
-100
AM05557v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com