Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD18NF25 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STD18NF25
Description  N-channel 250 V, 0.14 廓, 17 A low gate charge STripFET??II Power MOSFET in D2PAK and DPAK packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD18NF25 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STD18NF25 Datasheet HTML 8Page - STMicroelectronics STD18NF25 Datasheet HTML 9Page - STMicroelectronics STD18NF25 Datasheet HTML 10Page - STMicroelectronics STD18NF25 Datasheet HTML 11Page - STMicroelectronics STD18NF25 Datasheet HTML 12Page - STMicroelectronics STD18NF25 Datasheet HTML 13Page - STMicroelectronics STD18NF25 Datasheet HTML 14Page - STMicroelectronics STD18NF25 Datasheet HTML 15Page - STMicroelectronics STD18NF25 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Package mechanical data
STB18NF25, STD18NF25
12/18
Doc ID 16785 Rev 3
Table 10.
DPAK (TO-252) mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1
1.50
L1
2.80
L2
0.80
L4
0.60
1
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com