Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0603-D-R080F Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # RL0603-D-R080F
Description  1/20W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL0603-D-R080F Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  RL0603-D-R080F Datasheet HTML 1Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 2Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 3Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 4Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 5Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 6Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SRFD0000NH
REVISION
: A2
PAGE
: 1 OF 7
1/20W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
1.
Scope
This specification applies to 0.3mm x 0.6mm size 1/20W, fixed metal film chip resistors
rectangular type for use in electronic equipment.
2.
Type Designation
RL 0603
D
□□□□
(1)
(2)
(3)
(4)
Where
(1) Series No.
(2) Power rating
D = 1/20W
(3) Resistance value:
For example—
R070 = 0.070
R100 = 0.1
(4) Resistance tolerance:
F =
± 1%
G =
± 2%
J =
± 5%
3.
Construction and Physical Dimensions
Figure 1. Construction and Dimensions
Code Letter
Dimensions (mm)
L
0.6
± 0.03
W
0.31
± 0.04
t
0.27
± 0.04
a
0.14
± 0.06
b
0.14
± 0.06
Resistive element : Metal film
(Under protection film)
Electrode : Solder Sn (on Cu)
Sn 100% ( Lead free)
Protection film : Epoxy resin
Substrate : Alumina
b
L
a
W
a
b
t


Similar Part No. - RL0603-D-R080F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RL0603-C-R070F DELTA-RL0603-C-R070F Datasheet
160Kb / 7P
1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
RL0603-C-R070G DELTA-RL0603-C-R070G Datasheet
160Kb / 7P
1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
RL0603-C-R070J DELTA-RL0603-C-R070J Datasheet
160Kb / 7P
1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
RL0603-C-R080F DELTA-RL0603-C-R080F Datasheet
160Kb / 7P
1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
RL0603-C-R080G DELTA-RL0603-C-R080G Datasheet
160Kb / 7P
1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
More results

Similar Description - RL0603-D-R080F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT0816-C-R050F DELTA-RLT0816-C-R050F Datasheet
98Kb / 9P
1/10W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
RLT0306-C-R510F DELTA-RLT0306-C-R510F Datasheet
173Kb / 9P
1/10W, 0201, Low Resistance Chip Resistor (Lead / Halogen Free)
RL0204-G-R300F DELTA-RL0204-G-R300F Datasheet
91Kb / 7P
1/32W, 01005 Low Resistance Chip Resistor (Lead / Halogen free)
RL0603-C-R070F DELTA-RL0603-C-R070F Datasheet
160Kb / 7P
1/10W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
logo
DAESAN ELECTRONIC CORP.
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
Cyntec Co., Ltd.
RR0306 CYNTEC-RR0306 Datasheet
961Kb / 8P
1/20W, 0201, Thick Film Chip Resistor (Lead / Halogen Free)
RR0306SE CYNTEC-RR0306SE Datasheet
909Kb / 8P
1/20W, 0201, Thick Film Chip Resistor (Lead / Halogen Free)
PFR03S CYNTEC-PFR03S Datasheet
961Kb / 8P
1/20W, 0201, Thick Film Chip Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com