Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0603-D-R080F Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # RL0603-D-R080F
Description  1/20W, 0201 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL0603-D-R080F Datasheet(HTML) 6 Page - Delta Electronics, Inc.

  RL0603-D-R080F Datasheet HTML 1Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 2Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 3Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 4Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 5Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 6Page - Delta Electronics, Inc. RL0603-D-R080F Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SRFD0000NH
REVISION
: A2
PAGE
: 6 OF 7
7. Packaging
7-1 Dimensions
7-1-1 Tape packaging dimensions
3.5 ± 0.05
1.75 ±0.1
8.0 ± 0.3
0.38 ± 0.05
CHIP
2.0 ± 0.05
4.0 ± 0.1
Pull Direction
4.0 ± 0.1
b
a
Carrier cavity
1.5
+0.1
-0.0
Sprocket hole
0.49 max.
※Pre-emptied holes : 150 holes (or 30cm) or more.
Code letter
a
b
Unit : mm
Dimension
0.40
± 0.05 0.7 ± 0.05
7-1-2 Reel dimensions
2.0±0.5
9.0 ± 0.3
11.4 ± 1.0
Unit : mm
21 ± 0.8
13 ± 0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com