Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0816-R10F Datasheet(PDF) 8 Page - DAESAN ELECTRONIC CORP.

Part # RL0816-R10F
Description  1/8W 0816 LOW RESISTNACE CHIP RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL0816-R10F Datasheet(HTML) 8 Page - DAESAN ELECTRONIC CORP.

Back Button RL0816-R10F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 9Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 10Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 11Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: RLI00000N
REVISION
: A1
PAGE
: 8 OF 11
Unit : mm
100
a
f
b
4.5
Land
Solder resist
Mounting of the test sample onto the test board shall be either of following methods.
(1) Mounting by solder dipping
Epoxy based glue shall be applied in the middle of two lands of the test board. The
resistor shall be mounted in such a way that the electrodes of resistors will be evenly
placed in the land area and then adhesive resin shall be cured. After applying the Resin
Flux with 25 weight % Methyl Alcohol, the board shall be
soldered by dipping into a
molten solder bath with 260
± 5℃ for 3 to 5 seconds
(2) Mounting by Reflow soldering
Solder paste with approximate 200
µm thickness shall be applied to the land of test board.
The resistor shall be mounted in such way that the electrodes of resistors will be evenly
placed in the land area and then shall be soldered under the circumstance that the surface
temperature of the board shall be raised 245
± 5℃(peak temperature) for 5 to 10 seconds
in an upper-heater oven.
Test Board
Material : Glass Fabric Epoxy Resin (Refer to JIS C 6484)
Board thickness : 1.6mm
Copper foil thickness : 0.035mm
(1) Test board A
a
b
c
f
1.0
3.0
1.2
(2.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com