Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL0816-R10F Datasheet(PDF) 4 Page - DAESAN ELECTRONIC CORP.

Part # RL0816-R10F
Description  1/8W 0816 LOW RESISTNACE CHIP RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL0816-R10F Datasheet(HTML) 4 Page - DAESAN ELECTRONIC CORP.

  RL0816-R10F Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 9Page - DAESAN ELECTRONIC CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: RLI00000N
REVISION
: A1
PAGE
: 4 OF 11
5. Characteristics
5-1 Electrical
5-1-1 Resistance and tolerance
Resistance value shall be within the tolerance specified in paragraph 4-1
Refer to IEC 60115-1 Sub-clause 4.5.
5-1-2 Temperature Coefficient of Resistance
Not exceed the temperature coefficient of resistance specified in paragraph 4-1
Room temperature
→ Room temperature + 100℃
Refer to IEC 60115-1 Sub-clause 4.13.
5-1-3 Short Time Overload
Resistance Change :
± (0.5%)
Without significant damage by flashover (spark ,arching),burning or breakdown etc.
Test voltage : 2.5 times the rated voltage.
Duration : 5 seconds
Refer to IEC 60115-1 Sub-clause 4.13.
5-1-4 Insulation Resistance
(1) Between Electrode and Protection Film
100M
Ω or over
(2) Between Electrode and Substrate
1,000M
Ω or over
The resistor shall be cramped in the metal block and tested , as shown below.
Test voltage : 100
± 15V
DC for 1 minute
Refer to IEC 60115-1 Sub-clause 4.6.
Insulation Plate
Spring
Sample Electrode
Metal Block
Measurement Point B
Pressure Rod
(Metal)
Measurement Point A
Substrate
Over coat Film
(R0.25mm ~ R0.5mm)
A
B
Voltage Supply
Substrate Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com