Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1005-1-R075F Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # RL1005-1-R075F
Description  1/16W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1005-1-R075F Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  RL1005-1-R075F Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SR110000NH
REVISION
: A2
PAGE
: 1 OF 8
1/16W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
1. Scope
This specification applies to 0.5mm x 1.0mm size 1/16W, fixed metal film chip resistors rectangular
type for use in electronic equipment.
2. Type Designation
RL 1005
—
1
—
□□□□
□
(1)
(2)
(3)
(4)
Where
(1) Series No.
(2) Power rating
1 = 1/16W
(3) Resistance value:
For example—
R075 = 0.075
Ω
R100 = 0.1
Ω
(4) Resistance tolerance:
F=
± 1%
G=
± 2%
J=
± 5%
3. Construction and Physical Dimensions
Figure 1.
Structure (No mark)
Code Letter
Dimensions (mm)
L
1.00
± 0.1
W
0.50
± 0.1
t
0.35
+0.15
−0.10
a
0.25
± 0.1
b
0.25
± 0.1
NOTE:
① Resistive element
( under protection film )
② Electrode
③ Protection film
④ Substrate
b
L
a
W
a
b
t


Similar Part No. - RL1005-1-R075F

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL1005-108.2K-138-K AMPHENOL-RL1005-108.2K-138-K Datasheet
57Kb / 2P
Low cost solid state sensor
RL1005-130.9K-155-K AMPHENOL-RL1005-130.9K-155-K Datasheet
57Kb / 2P
Low cost solid state sensor
RL1005-1735-95-K AMPHENOL-RL1005-1735-95-K Datasheet
57Kb / 2P
Low cost solid state sensor
More results

Similar Description - RL1005-1-R075F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT0510-7-R075F DELTA-RLT0510-7-R075F Datasheet
96Kb / 9P
1/6W, 0402, Low Resistance Chip Resistor (Lead / Halogen Free)
RLT0510-2-R075F DELTA-RLT0510-2-R075F Datasheet
99Kb / 9P
1/8W, 0402, Low Resistance Chip Resistor (Lead / Halogen Free)
RLT0510-1-R075F DELTA-RLT0510-1-R075F Datasheet
99Kb / 9P
1/16W, 0402, Low Resistance Chip Resistor (Lead / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL1005-2-R075F DAESAN-RL1005-2-R075F Datasheet
236Kb / 8P
1/8W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
RL1005-7-R075F DAESAN-RL1005-7-R075F Datasheet
163Kb / 8P
1/6W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
Cyntec Co., Ltd.
RR0510 CYNTEC-RR0510 Datasheet
937Kb / 8P
1/16W, 0402, High Precision Thick Film Chip Resistor (Lead / Halogen Free)
RR0510SE CYNTEC-RR0510SE Datasheet
917Kb / 8P
1/16W, 0402, High Precision Thick Film Chip Resistor (Lead / Halogen Free)
PFR05 CYNTEC-PFR05 Datasheet
937Kb / 8P
1/16W, 0402, High Precision Thick Film Chip Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com