Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1005-1-R075F Datasheet(PDF) 4 Page - DAESAN ELECTRONIC CORP.

Part # RL1005-1-R075F
Description  1/16W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1005-1-R075F Datasheet(HTML) 4 Page - DAESAN ELECTRONIC CORP.

  RL1005-1-R075F Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL1005-1-R075F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SR110000NH
REVISION
: A2
PAGE
: 4 OF 8
Test Item
Condition of Test
Requirements
Load Life
Rated voltage for 1.5 hours followed by a
pause 0.5 hour at 70
± 2℃.
Cycle repeated 1000 hours
Refer to JIS C 5201-1 4.25
∆R : ± (1.0%+0.0005
)
Without distinct damage in
appearance
Damp Heat with Load
60
± 2℃ with relative humidity 90% to
95%. D.C. rated voltage for 1.5 hours
ON and 30 minutes OFF. Cycle
repeated 1,000 hours
Refer to JIS C 5201-1 4.24
∆R : ± (1.0%+0.0005
)
Without distinct damage in
appearance
Mechanical Shock
100 G’s for 6milliseconds. 5 pulses
Refer to JIS C 5201-1 4.21
∆R : ± (0.5%+0.0005
)
Without mechanical damage such
as break
Bending Test
Glass-Epoxy board thickness : 1.6mm
Bending width : 2mm
Between the fulcrums : 90mm
Refer to JIS C 5201-1 4.33
∆R : ±(0.5%+0.0005
)
Without mechanical damage such
as break



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com