Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1005-2-R075J Datasheet(PDF) 5 Page - DAESAN ELECTRONIC CORP.

Part # RL1005-2-R075J
Description  1/8W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1005-2-R075J Datasheet(HTML) 5 Page - DAESAN ELECTRONIC CORP.

  RL1005-2-R075J Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 8Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SR120000NH
REVISION
: A2
PAGE
: 5 OF 8
Mounting of the test sample onto the test board shall be either of following methods.
(1) Mounting by solder dipping
Epoxy based glue shall be applied in the middle of two lands of the test board. The
resistor shall be mounted in such a way that the electrodes of resistors will be evenly
placed in the land area and then adhesive resin shall be cured. After applying the Resin
Flux with 25 weight % Methyl Alcohol, the board shall be
soldered by dipping into a
molten solder bath with 260
± 5℃ for 3 to 5 seconds
(2) Mounting by Reflow soldering
Solder paste with approximate 200μm thickness shall be applied to the land of test board.
The resistor shall be mounted in such way that the electrodes of resistors will be evenly
placed in the land area and then shall be soldered under the circumstance that the surface
temperature of the board shall be raised 245
± 5℃(peak) for 5 to 10 seconds in an
upper-heater oven.
Material : Glass Fabric Epoxy Resin ( Refer to JIS C 6484 )
Board thickness : 1.6mm
Copper foil thickness : 0.035mm
Solder Resist Coating
Test board A ( for substrate bending test)
a
b
c
f
0.6
2.0
0.7
(2.0)
Unit : mm
100
c
b
a
f
40
Land
4.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com