Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1005-2-R075J Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # RL1005-2-R075J
Description  1/8W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1005-2-R075J Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  RL1005-2-R075J Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL1005-2-R075J Datasheet HTML 8Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SR120000NH
REVISION
: A2
PAGE
: 2 OF 8
4. Ratings
4-1 Specification
Power Rating*
1/8 W
Resistance Range
0.020
Ω ~ <0.070Ω
0.070
Ω ~ 1Ω
Resistance Tolerance
±1% , ±2% , ±5%
±1% , ±2% , ±5%
Temperature Coefficient of Resistance
0~500ppm/℃
±100ppm/℃
Note*:
Power Rating is based on continuous full load operation at rated ambient temperature of 70℃.
For resistors operated at ambient temperature in excess of 70℃, the maximum load shall be
derated in accordance with the following curve.
Figure 2
Derating Curve
4-2 Rated Voltage
The rated voltage shall be determined by the following expression.
R
P
V
×
=
Where V:Rated voltage (V)
R:Nominal resistance value (
Ω)
P:Rated dissipation (W)
4-3 Operating and Storage Temperature Range
-55 to +125℃
-55
0
70
125
℃
100
50
%
Percentage of the
rated dissipation
Ambient temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com