Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632H-R080G Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # RL1632H-R080G
Description  1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1632H-R080G Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  RL1632H-R080G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 7Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT : SM440000NH
REVISION
: A0
PAGE
: 1 OF 7
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
1. Scope
This specification applies to 1.6mm x 3.2mm size 1/2W, fixed metal film chip resistors rectangular
type for use in electronic equipment.
2. Type Designation
RL1632
H
-
□□□□
□
(1)
(2)
(3)
(4)
Where
(1) Series No.
(2) H = H Type
(3) Resistance value :
For example - -
Four digits of number
R005 = 5m
Ω
R100 = 100m
Ω
(4) Resistance tolerance
F =
± 1%
G =
± 2%
J =
± 5%
3. Outline Dimensions and Marking
Figure 1. Construction Dimensions
t
W
L
R010
a
a
Dimensions (mm)
Code Letter
1632
L
3.2
± 0.20
W
1.6
± 0.20
a
0.50
± 0.15
t
0.80
± 0.15
Four digits :
R010 = 10m
Ω
R100 = 100m
Ω


Similar Part No. - RL1632H-R080G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL1632 ETC-RL1632 Datasheet
1Mb / 2P
Low resistance chip resistors (short side terminal)
logo
DAESAN ELECTRONIC CORP.
RL1632-6C-R005F DAESAN-RL1632-6C-R005F Datasheet
121Kb / 7P
1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632-6C-R005G DAESAN-RL1632-6C-R005G Datasheet
121Kb / 7P
1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632-6C-R005J DAESAN-RL1632-6C-R005J Datasheet
121Kb / 7P
1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632-6C-R020F DAESAN-RL1632-6C-R020F Datasheet
121Kb / 7P
1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
More results

Similar Description - RL1632H-R080G

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLW2012-4-R005F DELTA-RLW2012-4-R005F Datasheet
135Kb / 7P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL3264L49-R005F DELTA-RL3264L49-R005F Datasheet
122Kb / 6P
2W, 2512, 4-Terminal, Low Resistance Chip Resistor (Lead / Halogen Free)
RL2550H-R002F DELTA-RL2550H-R002F Datasheet
79Kb / 6P
1/2W, 2550, L Type Low Resistance Chip Resistor (Lead free / Halogen Free)
RL0816-4-R010F DELTA-RL0816-4-R010F Datasheet
144Kb / 7P
1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
logo
DAESAN ELECTRONIC CORP.
RL1220-4-R010F DAESAN-RL1220-4-R010F Datasheet
113Kb / 7P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1220-4S-R010F DAESAN-RL1220-4S-R010F Datasheet
187Kb / 8P
1/2W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL1632-6C-R005F DAESAN-RL1632-6C-R005F Datasheet
121Kb / 7P
1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632W-4-R001F DAESAN-RL1632W-4-R001F Datasheet
131Kb / 6P
1/2W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com