Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632H-R080G Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # RL1632H-R080G
Description  1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL1632H-R080G Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  RL1632H-R080G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL1632H-R080G Datasheet HTML 7Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT : SM440000NH
REVISION
: A0
PAGE
: 2 OF 7
4.
Ratings
Power Ratings*
1/2W
Resistance Value
5~150m
Resistance Tolerance
± 1%(F) , ± 2%(G) , ± 5%(J)
Temperature Coefficient of Resistance
(
≤10mΩ)
± 100ppm/℃
(>10m
Ω)
± 50ppm/℃
Operation Temperature Range
-55℃ ~ +170℃
Insulation Resistance
Over 100M
Maximum Working Voltage (V)
( P*R)
1/2
Note * :
Power ratings is based on continuous full load operation at rated ambient temperature of 70℃. For
resistors operated at ambient temperature in excess of 70℃, the maximum load shall be derated in
accordance with the following curve.
AMBIENT TEMPERATURE(
)
0
170
70
100
-55
Figure 2.:Power Temperature Derating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com