Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F310
Description  25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F310 Datasheet HTML 1Page - Silicon Laboratories C8051F310 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Small Form Factor
Copyright © 2004 by Silicon Laboratories
6.15.2004
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F310
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
Selected Electrical Specifications
(TA = –40 to +85 C°, VDD = 2.7 V unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GLOBAL CHARACTERISTICS
Supply Voltage
2.7
3.6
V
Supply Current
Clock = 25 MHz
Clock =1 MHz
Clock = 32 kHz; VDD Monitor Disabled
7
0.5
15
mA
mA
µA
Supply Current
(shutdown)
Oscillator off; VDD Monitor Enabled
Oscillator off; VDD Monitor Disabled
10
<0.1
µA
µA
Clock Frequency Range
DC
25
MHz
INTERNAL OSCILLATOR
Frequency
24.0
24.5
25.0
MHz
A/D CONVERTER
Resolution
10
bits
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Signal-to-Noise Plus
Distortion
53
dB
Throughput Rate
200
ksps
COMPARATORS
Mode0 Response Time
(CP+) – (CP-) = 100 mV
0.10
µs
Mode0 Supply Current
7.6
µA
Mode1 Response Time
(CP+) – (CP-) = 100 mV
0.18
µs
Mode1 Supply Current
3.2
µA
Mode2 Response Time
(CP+) – (CP-) = 100 mV
0.32
µs
Mode2 Supply Current
1.3
µA
Mode3 Response Time
(CP+) – (CP-) = 100 mV
1.0
µs
Mode3 Supply Current
0.40
µA
Package Information
A
A1
A2
b
D
D1
e
E
E1
-
0.05
1.35
0.30
-
-
-
-
-
-
-
1.40
0.37
9.00
7.00
0.80
9.00
7.00
1.60
0.15
1.45
0.45
-
-
-
-
-
MIN
(mm)
NOM
(mm)
MAX
(mm)
PIN 1
IDENTIFIER
A1
e
b
1
32
E1
D1
D
E
A2
A
C8051F310DK Development Kit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com