Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet (PDF) - Silicon Laboratories

C8051F310 Datasheet PDF - Silicon Laboratories
Part # C8051F310
Download  C8051F310 Download
File Size   172.36 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU

C8051F310 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F310 Datasheet PDF - Silicon Laboratories

Part # C8051F310
Download  C8051F310 Click to download

File Size   172.36 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU

C8051F310 Datasheet (HTML) - Silicon Laboratories


C8051F310 Product details

Analog Peripherals
10-Bit ADC
   - ±1 LSB INL; no missing codes
   - Programmable throughput up to 200 ksps
   - Up to 21 external inputs; programmable as single-ended or differential
   - Data-dependent windowed interrupt generator
   - Built-in temperature sensor (±3 °C)
Two Comparators
   - Programmable hysteresis and response time
   - Configurable to generate interrupts or reset
   - Low current (0.4 µA)
POR/Brown-out Detector
On-Chip Debug
   - On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required)
   - Provides breakpoints, single stepping
   - Inspect/modify memory and registers
   - Superior performance to emulation systems using ICE-chips, target pods, and sockets
Supply Voltage: 2.7 to 3.6 V
   - Typical Operating Current: 7 mA at 25 MHz
                                15 µA at 32 kHz
   - Typical Stop Mode Current: <0.1 µA
High-Speed 8051 µC Core
   - Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks
   - Up to 25 MIPS throughput with 25 MHz system clock
   - Expanded interrupt handler
Memory
   - 1280 bytes data RAM
   - 16 kB Flash; in-system programmable in 512-byte sectors (512 bytes are reserved)
Digital Peripherals
   - 29 port I/O; all are 5 V tolerant
   - Hardware SMBus™ (I2C™ compatible), SPI™, and UART serial ports available concurrently
   - Programmable 16-bit counter/timer array with five capture/compare modules, WDT
   - 4 general-purpose 16-bit counter/timers
   - Realtime clock mode using timer or PCA
Clock Sources
   - Internal oscillator: 24.5 MHz, 2% accuracy supports UART operation
   - External oscillator: Crystal, RC, C, or Clock (1 or 2 pin modes)
   - Can switch between clock sources on-the-fly
32-Pin LQFP
Temperature Range: –40 to +85 °C




Similar Part No. - C8051F310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310 Datasheet
164Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F310 SILABS-C8051F310 Datasheet
2Mb / 228P
8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310-GQ ETC1-C8051F310-GQ Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F310-GQ SILABS-C8051F310-GQ Datasheet
4Mb / 288P
Mixed Signal ISP Flash MCU Family
More results


Similar Description - C8051F310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F016 SILABS-C8051F016 Datasheet
420Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F017 SILABS-C8051F017 Datasheet
166Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F019 SILABS-C8051F019 Datasheet
167Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F046 SILABS-C8051F046 Datasheet
413Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F047 SILABS-C8051F047 Datasheet
410Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F066 SILABS-C8051F066 Datasheet
192Kb / 2P
25 MIPS, 32 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F067 SILABS-C8051F067 Datasheet
195Kb / 2P
25 MIPS, 32 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F310 SILABS-C8051F310 Datasheet
164Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F312 SILABS-C8051F312 Datasheet
172Kb / 2P
25 MIPS, 8 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com