Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IPTSQTP Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 87Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 88Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 89Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 90Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 91Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 92Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 93Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 94Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 89
PIC18F2525/2620/4525/4620
8.0
8 x 8 HARDWARE MULTIPLIER
8.1
Introduction
All PIC18 devices include an 8 x 8 hardware multiplier
as part of the ALU. The multiplier performs an unsigned
operation and yields a 16-bit result that is stored in the
product register pair, PRODH:PRODL. The multiplier’s
operation does not affect any flags in the STATUS
register.
Making multiplication a hardware operation allows it to
be completed in a single instruction cycle. This has the
advantages of higher computational throughput and
reduced code size for multiplication algorithms and
allows the PIC18 devices to be used in many applica-
tions previously reserved for digital signal processors.
A comparison of various hardware and software
multiply operations, along with the savings in memory
and execution time, is shown in Table 8-1.
8.2
Operation
Example 8-1 shows the instruction sequence for an 8 x 8
unsigned multiplication. Only one instruction is required
when one of the arguments is already loaded in the
WREG register.
Example 8-2 shows the sequence to do an 8 x 8 signed
multiplication. To account for the sign bits of the
arguments, each argument’s Most Significant bit (MSb)
is tested and the appropriate subtractions are done.
EXAMPLE 8-1:
8 x 8 UNSIGNED
MULTIPLY ROUTINE
EXAMPLE 8-2:
8 x 8 SIGNED MULTIPLY
ROUTINE
TABLE 8-1:
PERFORMANCE COMPARISON FOR VARIOUS MULTIPLY OPERATIONS
MOVF
ARG1, W
;
MULWF
ARG2
; ARG1 * ARG2 ->
; PRODH:PRODL
MOVF
ARG1, W
MULWF
ARG2
; ARG1 * ARG2 ->
; PRODH:PRODL
BTFSC
ARG2, SB
; Test Sign Bit
SUBWF
PRODH, F
; PRODH = PRODH
;
- ARG1
MOVF
ARG2, W
BTFSC
ARG1, SB
; Test Sign Bit
SUBWF
PRODH, F
; PRODH = PRODH
;
- ARG2
Routine
Multiply Method
Program
Memory
(Words)
Cycles
(Max)
Time
@ 40 MHz
@ 10 MHz
@ 4 MHz
8 x 8 unsigned
Without hardware multiply
13
69
6.9
μs27.6 μs69 μs
Hardware multiply
1
1
100 ns
400 ns
1
μs
8 x 8 signed
Without hardware multiply
33
91
9.1
μs36.4 μs91 μs
Hardware multiply
6
6
600 ns
2.4
μs6 μs
16 x 16 unsigned
Without hardware multiply
21
242
24.2
μs96.8 μs242 μs
Hardware multiply
28
28
2.8
μs
11.2
μs28 μs
16 x 16 signed
Without hardware multiply
52
254
25.4
μs
102.6
μs254 μs
Hardware multiply
35
40
4.0
μs16.0 μs40 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com