Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IPTSQTP Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC18F2525IPTSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IPTSQTP Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC18F2525IPTSQTP Datasheet HTML 13Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 14Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 15Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 16Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 17Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 18Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 19Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 20Page - Microchip Technology PIC18F2525IPTSQTP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 15
PIC18F2525/2620/4525/4620
PORTC is a bidirectional I/O port.
RC0/T1OSO/T13CKI
RC0
T1OSO
T13CKI
11
I/O
O
I
ST
—
ST
Digital I/O.
Timer1 oscillator output.
Timer1/Timer3 external clock input.
RC1/T1OSI/CCP2
RC1
T1OSI
CCP2(2)
12
I/O
I
I/O
ST
Analog
ST
Digital I/O.
Timer1 oscillator input.
Capture 2 input/Compare 2 output/PWM2 output.
RC2/CCP1
RC2
CCP1
13
I/O
I/O
ST
ST
Digital I/O.
Capture 1 input/Compare 1 output/PWM1 output.
RC3/SCK/SCL
RC3
SCK
SCL
14
I/O
I/O
I/O
ST
ST
ST
Digital I/O.
Synchronous serial clock input/output for SPI mode.
Synchronous serial clock input/output for I2C™ mode.
RC4/SDI/SDA
RC4
SDI
SDA
15
I/O
I
I/O
ST
ST
ST
Digital I/O.
SPI data in.
I2C data I/O.
RC5/SDO
RC5
SDO
16
I/O
O
ST
—
Digital I/O.
SPI data out.
RC6/TX/CK
RC6
TX
CK
17
I/O
O
I/O
ST
—
ST
Digital I/O.
EUSART asynchronous transmit.
EUSART synchronous clock (see related RX/DT).
RC7/RX/DT
RC7
RX
DT
18
I/O
I
I/O
ST
ST
ST
Digital I/O.
EUSART asynchronous receive.
EUSART synchronous data (see related TX/CK).
RE3
—
—
—
See MCLR/VPP/RE3 pin.
VSS
8, 19
P
—
Ground reference for logic and I/O pins.
VDD
20
P
—
Positive supply for logic and I/O pins.
TABLE 1-2:
PIC18F2525/2620 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Number
Pin
Type
Buffer
Type
Description
SPDIP,
SOIC
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
Note 1:
Default assignment for CCP2 when the CCP2MX Configuration bit is set.
2:
Alternate assignment for CCP2 when the CCP2MX Configuration bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com