Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ARM-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8351ARM-R2
Description  Low Distortion Differential RF/IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARM-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8351ARM-R2 Datasheet HTML 3Page - Analog Devices AD8351ARM-R2 Datasheet HTML 4Page - Analog Devices AD8351ARM-R2 Datasheet HTML 5Page - Analog Devices AD8351ARM-R2 Datasheet HTML 6Page - Analog Devices AD8351ARM-R2 Datasheet HTML 7Page - Analog Devices AD8351ARM-R2 Datasheet HTML 8Page - Analog Devices AD8351ARM-R2 Datasheet HTML 9Page - Analog Devices AD8351ARM-R2 Datasheet HTML 10Page - Analog Devices AD8351ARM-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
AD8351
–7–
FREQUENCY (MHz)
0
250
8
4
10
6
12
14
16
25
50
75
100
125
150
175
200
225
2
0
RL = 150
VPOS = 5V
RL = 1k
RL = 150
VPOS = 3V
RL = 1k
TPC 13. Output Compression Point, P1 dB, vs. Frequency
(RL = 150
Ω and 1 kΩ, AV = 10 dB, at 3 V and 5 V Supplies)
GAIN RESISTOR ( )
0
1000
100
8
4
10
6
12
14
16
2
0
VPOS = 5V
VPOS = 3V
TPC 14. Output Compression Point, P1 dB, vs. RG (f =
100 MHz, RL = 150
Ω, AV = 10 dB, at 3 V and 5 V Supplies)
OUTPUT 1dB COMPRESSION (dB)
TPC 15. Output Compression Point Distribution
(f = 70 MHz, RL = 150
Ω, AV = 10 dB)
FREQUENCY (MHz)
0
250
–90
–85
–95
–80
–75
–70
25
50
75
100
125
150
175
200
225
TPC 16. Third-Order Intermodulation Distortion vs.
Frequency for a 2 V p-p Composite Signal into RL = 1 k
Ω
(AV = 10 dB, at 5 V Supplies)
FREQUENCY (MHz)
0
250
–70
–65
–75
–60
–55
–50
25
50
75
100
125
150
175
200
225
TPC 17. Third-Order Intermodulation Distortion
vs. Frequency for a 2 V p-p Composite Signal into
RL = 150
Ω (AV = 10 dB, at 5 V Supplies)
THIRD-ORDER INTERMODULATION DISTORTION (dBc)
–68.0 –68.2 –68.4 –68.6 –68.6 –68.8 –69.0 –69.2 –69.4 –69.6 –69.8
TPC 18. Third-Order Intermodulation Distortion
Distribution (f = 70 MHz, RL = 150
Ω, AV = 10 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com